Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFA080A Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EFA080A
Description  Low Distortion GaAs Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EFA080A Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EFA080A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EFA080A Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EFA080A
DATA SHEET
Low Distortion GaAs Power FET
S-PARAMETERS
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.983
-38.9
6.602
158.2
0.029
65.4
0.421
-24.5
2.0
0.949
-71.6
5.927
135.8
0.050
49.2
0.380
-45.7
3.0
0.916
-96.5
4.998
118.0
0.061
36.4
0.343
-62.4
4.0
0.894 -115.4
4.191
104.1
0.066
27.2
0.326
-75.6
5.0
0.879 -130.5
3.536
92.2
0.068
19.6
0.327
-87.3
6.0
0.873 -140.5
3.028
82.8
0.069
14.5
0.339
-95.6
7.0
0.871 -148.3
2.628
74.6
0.068
10.3
0.359 -102.4
8.0
0.869 -154.1
2.311
67.5
0.067
7.4
0.382 -107.5
9.0
0.872 -158.8
2.058
61.1
0.065
3.8
0.408 -111.9
10.0
0.872 -162.7
1.857
55.2
0.063
3.0
0.433 -115.1
11.0
0.873 -166.5
1.689
49.5
0.061
1.8
0.457 -118.4
12.0
0.876 -169.7
1.557
43.9
0.060
1.0
0.478 -121.4
13.0
0.879 -173.3
1.446
38.4
0.058
-0.9
0.495 -124.4
14.0
0.880 -177.4
1.356
32.9
0.059
-2.3
0.511 -127.6
15.0
0.882
178.3
1.276
27.2
0.057
-2.9
0.522 -131.2
16.0
0.886
173.2
1.207
20.9
0.057
-4.6
0.532 -135.3
17.0
0.889
168.2
1.141
14.6
0.057
-5.7
0.542 -140.3
18.0
0.892
162.8
1.075
8.3
0.058
-7.1
0.557 -145.3
19.0
0.897
157.9
1.010
1.7
0.057
-8.0
0.568 -151.5
20.0
0.905
153.4
0.949
-4.6
0.057
-9.8
0.585 -157.6
21.0
0.923
152.7
0.829
-9.6
0.053
-9.0
0.627 -165.3
22.0
0.928
150.2
0.769
-14.6
0.053
-9.5
0.650 -170.5
23.0
0.936
147.8
0.713
-19.7
0.052
-7.8
0.680 -174.4
24.0
0.939
146.5
0.664
-23.8
0.052
-5.4
0.706 -177.2
25.0
0.945
145.2
0.624
-27.3
0.053
-3.9
0.728 -179.7
26.0
0.944
144.7
0.592
-30.4
0.053
0.4
0.753
179.1
Note: The data included 0.7 mils diameter Au bonding wires:
2 gate wires, 15 mils each; 2 drain wires, 20 mils each; 6 source wires, 7 mils each.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com