Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA030D Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA030D
Description  High Performance Heterojunction Dual-Gate FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA030D Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA030D Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA030D Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA030D
UPDATED 11/30/2004
High Performance Heterojunction Dual-Gate FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised December 2004
MAXIMUM RATINGS AT 25
OC
SYMBOL
PARAMETERS
ABSOLUTE
1
CONTINUOURS
2
VDS
Drain to Source Voltage
10 V
7 V
VGS
Gate to Source Voltage
-6 V
-3.5 V
IDS
Drain Current
Idss
Idss
IGSF
Forward Gate Current
15 mA
2.5 mA
PIN
Input Power
15 dBm
@ 3dB compression
PT
Total Power Dissipation
1.1 W
900 mW
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/+175°C
-65/+150°C
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
S-PARAMETERS
6V, 1/2 Idss, Vg2s=0V
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz) MAG
ANG
MAG
ANG
MAG ANG MAG
ANG
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.991 -15.1 9.329 165.6 0.006 80.8 0.943
-5.5
21
0.758 144.0 4.807 -38.8 0.014
65.7
1.161 -107.6
2
0.965 -30.1 9.120 152.7 0.010 74.8 0.932 -11.2
22
0.786 138.7 4.797 -49.7 0.019
65.4
1.233 -114.5
3
0.937 -45.3 8.850 139.8 0.015 62.0 0.912 -16.4
23
0.809 134.2 4.809 -61.7 0.024
80.1
1.339 -122.8
4
0.897 -59.8 8.553 127.4 0.019 55.7 0.891 -21.6
24
0.838 130.0 4.793 -75.3 0.029
82.1
1.437 -133.4
5
0.854 -74.1 8.208 115.3 0.021 47.7 0.868 -26.5
25
0.875 126.4 4.749 -90.2 0.038
83.2
1.520 -144.3
6
0.818 -86.2 7.758 104.8 0.022 43.8 0.854 -30.7
26
0.907 123.2 4.604 -106.9 0.049
77.8
1.664 -158.3
7
0.786 -97.4 7.369
94.9
0.024 37.6 0.840 -34.5
27
0.932 119.3 4.423 -125.2 0.061
71.4
1.720 -173.9
8
0.753 -109.1 7.016
84.8
0.024 31.8 0.828 -38.7
28
0.960 114.9 4.008 -144.6 0.067
62.3
1.688 171.4
9
0.726 -119.9 6.697
75.2
0.024 26.7 0.817 -42.8
29
0.968 111.1 3.527 -163.4 0.071
53.8
1.638 158.6
10
0.699 -130.5 6.409
65.5
0.021 24.0 0.814 -47.2
30
0.952 107.2 3.016 179.0 0.072
45.5
1.555 147.2
11
0.688 -141.1 6.173
56.1
0.020 16.5 0.820 -52.1
31
0.947 103.2 2.587 162.1 0.072
39.9
1.433 137.9
12
0.687 -150.3 5.952
46.6
0.019 11.4 0.823 -58.0
32
0.944
99.6
2.198 145.5 0.074
35.2
1.317 129.4
13
0.684 -160.2 5.720
36.8
0.019
6.6
0.840 -64.0
33
0.951
95.6
1.920 129.5 0.077
32.7
1.227 123.7
14
0.687 -169.4 5.499
27.0
0.015
4.7
0.860 -70.1
34
0.942
92.4
1.619 114.1 0.073
24.8
1.123 117.7
15
0.688 -176.6 5.298
18.1
0.013 15.1 0.879 -76.8
35
0.959
87.8
1.412
98.9
0.075
19.7
1.033 113.6
16
0.715 176.6 5.189
8.0
0.012 13.4 0.923 -82.9
36
0.968
83.2
1.235
85.2
0.076
10.5
0.966 111.9
17
0.731 169.4 4.994
-2.0
0.012 14.7 0.960 -89.6
37
0.976
79.3
1.067
72.1
0.076
2.2
0.893 109.9
18
0.745 163.5 4.850 -11.6 0.012 20.0 0.995 -95.5
38
0.989
76.4
0.936
61.0
0.069
-6.3
0.851 109.1
19
0.774 156.6 4.705 -21.7 0.011 35.6 1.025 -101.1
39
0.985
72.6
0.829
49.0
0.066 -15.8 0.803 108.9
20
0.764 151.0 4.571 -31.0 0.012 42.3 1.093 -106.3
40
0.991
71.5
0.714
38.8
0.056 -21.3 0.785 108.4
Note:
The data included 0.7 mils diameter Au bonding wires:
1 gate wires, 15 mils each; 1 drain wires, 20 mils each; 4 source wires, 7 mils each., 2 gate2 wires(to ground), 7 mils each



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com