Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-48-LR1-RDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-48-LR1-RDA
Description  OC-48 LR-1/STM16 L-16.1 SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-48-LR1-RDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-48-LR1-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
OC-48 LR-1/STM16 L-16.1 SFP Transceiver
SP-48-LR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1524-Jul0507
Rev A.1
Features
• Compliant with OC48/STM-16 Standards
• Single 3.3 V supply
• 40 km reach
• 25 dB min, 29.5 dB typical link budget
• Commercial Temperature Available (-CxA)
• Industrial Temperature Available (-TxA)
• Reduced Temperature Available (-RxA)
• 1310nm DFB Laser
• APD receiver
• SFP MSA SFF-8074i compliant
• GR 253/STM G.957 compliant
• Telcordia GR-468 compliant
• Digital Diagnostic SFF-8472 Rev. 9.3 compliant
• Color code Bail Latch : Red
• RoHS compliant
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature(-CDA)
Top
-5
-
70
ºC
Operating Temperature(-RDA)
Top
-20
-
85
ºC
Operating Temperature(-TDA)
Top
-40
-
85
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate OC48/STM-16
DR
-
2488.32
-
Mbps
a) 20Hz to 155MHz
General Operating
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-2
0.5
3
dBm
Average Launch Power of Off Tx
Poff
-
-
-30
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.007
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
-
160
ps
Mean Wavelength
λ
1280
1310
1335
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Dispersion Penalty (40Km)c
dp
-
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflectance Toleranced
rp
-24
-
-
dB
b) 20%-80% values
c) Measured at BER of 1e-10, PRBS of 223-1, at eye center
d) 1dB degradation of receiver sensitivity
Transmitter Specifications, Optical


Similar Part No. - SP-48-LR1-RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-48-LR2-CDA SOURCE-SP-48-LR2-CDA Datasheet
533Kb / 6P
OC-48 LR-1/STM16 L-16.2 SFP Transceiver
SP-48-LR2-CNA SOURCE-SP-48-LR2-CNA Datasheet
533Kb / 6P
OC-48 LR-1/STM16 L-16.2 SFP Transceiver
SP-48-LR2-RDA SOURCE-SP-48-LR2-RDA Datasheet
533Kb / 6P
OC-48 LR-1/STM16 L-16.2 SFP Transceiver
SP-48-LR2-RNA SOURCE-SP-48-LR2-RNA Datasheet
533Kb / 6P
OC-48 LR-1/STM16 L-16.2 SFP Transceiver
More results

Similar Description - SP-48-LR1-RDA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721P2WCL FINISAR-FTLF1721P2WCL Datasheet
658Kb / 11P
OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1721P1WCL FINISAR-FTRJ1721P1WCL Datasheet
728Kb / 11P
OC-48 LR-1/STM L-16.1 Multirate Pluggable SFP Transceiver
FTLF1721P2WTL FINISAR-FTLF1721P2WTL Datasheet
658Kb / 11P
OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SP-48-LR2-CDA SOURCE-SP-48-LR2-CDA Datasheet
533Kb / 6P
OC-48 LR-1/STM16 L-16.2 SFP Transceiver
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
logo
Finisar Corporation.
FTLF1721P1BCL FINISAR-FTLF1721P1BCL Datasheet
669Kb / 12P
OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721P1CL FINISAR-FTLF1721P1CL Datasheet
699Kb / 12P
OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com