Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-48-LR1-RDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-48-LR1-RDA
Description  OC-48 LR-1/STM16 L-16.1 SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-48-LR1-RDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-48-LR1-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-48-LR1-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
OC-48 LR-1/STM16 L-16.1 SFP Transceiver
SP-48-LR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1524-Jul0507
Rev A.1
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature (-CDA)
-5 to 70
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Temperature (-RDA)
-20 to 85
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Temperature (-TDA)
-40 to 85
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Voltage
0 to Vcc
0.1
V
External
V(Volts) = Vslope*Vad (16 bit unsigned integer) + Voffset
Bias Current
0 to 120
5
mA
External
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-2 to 3
±3dB
dBm
External
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned integer)+Tx_
PWRoffset
Rx Power
-31 to -6
±3dB
dBm
External
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics
Name of Field
Discription of Field
Address
Hex
ASCII
Vendor Name
SFPVendor name (ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE vendor OUI code for LuminentOIC Inc.
37
00
38
06
39
B5
Vendor PN
Part number in ASCII, e.g.
SP-48-LR1-CDA
40
53
S
41
50
P
42
34
4
43
38
8
44
4C
L
45
52
R
46
31
1
47
43
C
48
44
D
49
41
A
EEPROM Serial ID



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com