Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA0912-2W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA0912-2W
Description  9.50 - 11.70 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA0912-2W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA0912-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA0912-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA0912-2W
UPDATED 10/05/2007
9.50 – 11.70 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2007
RFMA0912
Excelics
-2W
FEATURES
•
9.50– 11.70GHz Operating Frequency Range
•
32.5dBm Output Power at 1dB Compression
•
30.0 dB Typical Power Gain @ 1dB Gain Compression
•
-41dBc Typical OIM3 @ each tone Pout 21.5dBm
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
9.50
11.70
GHz
P1dB
Output Power at 1dB Gain Compression
31.5
32.5
dBm
G1dB
Gain @ 1dB gain compression
27.0
30.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 21.5dBm
-41
-38
dBc
Input RL
Input Return Loss
-12
-8
dB
Output RL
Output Return Loss
-15
-10
dB
Idd
Drain Current
1900
2150
mA
Vdd
Drain Voltage
7
8
V
Vgg
Gate Voltage
-5
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
4.0
4.5
oC/W
Tb
Operating Base Plate Temperature
-30
+80
ºC
MAXIMUM RATINGS @25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VDD
Drain Supply Voltage
12V
8V
VGG
Gate Supply Voltage
-8V
-3V
IDD
Drain Current
Idss
3.6A
IGG
Gate Current
240mA
40mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
30.0W
25.2W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH; where Tb = operating base plate temperature


Similar Part No. - RFMA0912-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA0912-0.5W EXCELICS-RFMA0912-0.5W Datasheet
98Kb / 2P
9.50 - 11.70 GHz Power Amplifier MMIC
RFMA0912-0.5W-Q7 EXCELICS-RFMA0912-0.5W-Q7 Datasheet
133Kb / 3P
9.5 - 11.7 GHz High Gain Surface-Mounted PA
RFMA0912-1W EXCELICS-RFMA0912-1W Datasheet
128Kb / 3P
9.50 - 11.70 GHz Power Amplifier MMIC
RFMA0912-1W-Q7 EXCELICS-RFMA0912-1W-Q7 Datasheet
150Kb / 4P
9.50 - 11.70 GHz High-Gain Surface Mounted PA
More results

Similar Description - RFMA0912-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
6.4 - 8.0 GHz Power Amplifier MMIC
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP112 EXCELICS-EMP112 Datasheet
217Kb / 3P
5.0 - 7.2 GHz Power Amplifier MMIC
EMP212 EXCELICS-EMP212 Datasheet
200Kb / 2P
9.50 - 12.0 GHz Power Amplifier MMIC
RFMA0912-1W EXCELICS-RFMA0912-1W Datasheet
128Kb / 3P
9.50 - 11.70 GHz Power Amplifier MMIC
RFMA0912-1W-Q7 EXCELICS-RFMA0912-1W-Q7 Datasheet
150Kb / 4P
9.50 - 11.70 GHz High-Gain Surface Mounted PA
RFMA0912-0.5W EXCELICS-RFMA0912-0.5W Datasheet
98Kb / 2P
9.50 - 11.70 GHz Power Amplifier MMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com