Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA5065-1W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA5065-1W
Description  5.0 - 6.5 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA5065-1W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA5065-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA5065-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA5065-1W
ISSUE DATE 08/29/06
5.0 – 6.5 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised August 2006
Vg
N/C
RF IN
RF OUT
-1W-03
Vd
RFMA5065
Excelics
Vd
FEATURES
•
5.0– 6.5GHz Operating Frequency Range
•
30dBm Output Power at 1dB Compression
•
37.0 dB Typical Power Gain @1dB Gain Compression
•
-38dBc Maximum OIM3 @ Each Tone Pout 18.5dBm
APPLICATIONS
•
Point-to-Point And Point-to-Multipoint Radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Tb = 25
°C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
5.0
6.5
GHz
P1dB
Output Power at 1dB Gain Compression
28.5
30
dBm
G1dB
Gain @1dB gain compression
31.0
37.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 18.5dBm
-41
-38
dBc
Input RL
Input Return Loss
-12
-6
dB
Output RL
Output Return Loss
-6
dB
Idd
Drain Current @small signal output power level
950
1100
mA
Vdd
Drain Supply Voltage
7
V
Vgg
Gate Supply Voltage
-5
V
Rth
Thermal Resistance
7
oC/W
Tb
Operating Base Plate Temperature
- 30
+ 80
ºC
MAXIMUM RATINGS @25°C1,2
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VDD
Drain Supply Voltage
10V
8V
VGG
Gate Supply Voltage
-8V
-3 V
IDQ
Quiescent Drain Current
Idss
1.1A
IGG
Gate Current
60mA
30 mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
15W
12.6W
Notes:
1. Operating the device beyond any of the above rating may reduce MTTF and cause permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH


Similar Part No. - RFMA5065-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA5065-1W-Q7 EXCELICS-RFMA5065-1W-Q7 Datasheet
131Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
More results

Similar Description - RFMA5065-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP106 EXCELICS-EMP106 Datasheet
196Kb / 3P
5.0 - 6.4 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109 EXCELICS-EMP109 Datasheet
204Kb / 3P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP112 EXCELICS-EMP112 Datasheet
217Kb / 3P
5.0 - 7.2 GHz Power Amplifier MMIC
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
5.0 - 7.2 GHz Power Amplifier MMIC
RFMA5065-2W EXCELICS-RFMA5065-2W Datasheet
94Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com