Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA5065-2W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA5065-2W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA5065-2W
Download  RFMA5065-2W Download
File Size   94.67 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.0 - 6.5 GHz Power Amplifier MMIC

RFMA5065-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA5065-2W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA5065-2W
Download  RFMA5065-2W Click to download

File Size   94.67 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.0 - 6.5 GHz Power Amplifier MMIC

RFMA5065-2W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA5065-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA5065-0.5W-Q7 EXCELICS-RFMA5065-0.5W-Q7 Datasheet
130Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-1W-Q7 EXCELICS-RFMA5065-1W-Q7 Datasheet
131Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
More results


Similar Description - RFMA5065-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP106 EXCELICS-EMP106 Datasheet
196Kb / 3P
5.0 - 6.4 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109 EXCELICS-EMP109 Datasheet
204Kb / 3P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP112 EXCELICS-EMP112 Datasheet
217Kb / 3P
5.0 - 7.2 GHz Power Amplifier MMIC
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
5.0 - 7.2 GHz Power Amplifier MMIC
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com