Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA5065-2W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA5065-2W
Description  5.0 - 6.5 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA5065-2W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA5065-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA5065-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFMA5065-2W
UPDATED 09/01/2006
5.0 – 6.5 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised September 2006
Package Dimension and Pin Assignment
-2W-02
RFMA5065
Excelics
DIMENSION: INCH
TOLERANCE: ±0.005
8X 0.004
0.040
8X 0.100±0.010
0.709
RF IN
Vg
N/C
PIN1 Indicator
0.204
6x0.100
N/C
4X.050 CHAMFER
0.075
0.025
2X DIA .090 THRU
Vd
N/C
N/C
RF OUT
8 X .013
0.591
0.216
0.433
Ordering Information
Part Number
RFMA5065-2W-02
Refer 02 Package Outline
Application Note
1. The package should be screwed onto a good heat sink and ground
2. Turn on/off sequence is required:
---to turn on: apply -5V first, then +10V.
---to turn off: turn +10V off first, then turn -5V off
3. Recommended Bias Circuit and Internal Block Diagram
“N/C” pins on package can be either
grounded or left open.
(No connection inside of package)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com