Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA5065-2W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA5065-2W
Description  5.0 - 6.5 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA5065-2W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA5065-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA5065-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA5065-2W
UPDATED 09/01/2006
5.0 – 6.5 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised September 2006
Excelics
RFMA5065
-2W-02
N/C
Vg
RF IN
N/C
RF OUT
N/C
N/C
Vd
FEATURES
•
5.0 – 6.5 GHz Operating Frequency Range
•
33dBm Output Power at 1dB Compression
•
30.0 dB Typical Power Gain @1dB gain compression
•
-44dBc Typical OIM3 @ each tone Pout 22dBm
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Tb = 25
°C, 50 ohm, Vdd=10V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
5.0
6.5
GHz
P1dB
Output Power at 1dB Gain Compression
32
33
dBm
G1dB
Gain @1dB gain compression
28.0
32.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 22dBm
-40
-44
dBc
Input RL
Input Return Loss
-12
-6
dB
Output RL
Output Return Loss
-6
dB
Idd
Drain Current @small signal output power level
1260
1500
mA
Vdd
Drain Supply Voltage
10
V
Vgg
Gate Supply Voltage
-5
V
Rth
Thermal Resistance
4
4.5
oC/W
Tb
Operating Base Plate Temperature
- 30
+ 80
ºC
MAXIMUM RATINGS @25°C1,2
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
Vdd
Drain Supply Voltage
14V
10V
Vgg
Gate Supply Voltage
-10V
-5.5 V
Idq
Quiescent Drain Current
Idss
1.5A
Igg
Gate Current
150mA
50 mA
PIN
Input Power
8dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
Pt
Total Power Dissipation
30W
15W
1. Operating the device beyond any of the above rating may reduce MTTF and cause permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH


Similar Part No. - RFMA5065-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA5065-0.5W-Q7 EXCELICS-RFMA5065-0.5W-Q7 Datasheet
130Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-1W-Q7 EXCELICS-RFMA5065-1W-Q7 Datasheet
131Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
More results

Similar Description - RFMA5065-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP106 EXCELICS-EMP106 Datasheet
196Kb / 3P
5.0 - 6.4 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109 EXCELICS-EMP109 Datasheet
204Kb / 3P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP112 EXCELICS-EMP112 Datasheet
217Kb / 3P
5.0 - 7.2 GHz Power Amplifier MMIC
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
5.0 - 7.2 GHz Power Amplifier MMIC
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com