Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3638PCB Datasheet(PDF) 25 Page - Texas Instruments

Part # SN74ACT3638PCB
Description  512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3638PCB Datasheet(HTML) 25 Page - Texas Instruments

Back Button SN74ACT3638PCB Datasheet HTML 21Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 26Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 27Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 28Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
SN74ACT3638
512
× 32 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS228D – JUNE 1992 – REVISED APRIL 1998
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = – 4 mA
2.4
V
VOL
VCC = 4.5 V,
IOL = 8 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC
VCC = 5.5 V,
VI = VCC – 0.2 V or 0
400
µA
‡
CSA = VIH
A0 – A31
0
‡
V5 5 V O
i
t t 3 4 V
CSB = VIH
B0 – B31
0
∆ICC‡
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
CSA = VIL
A0 – A31
1
mA
Other in uts at VCC or GND
CSB = VIL
B0 – B31
1
All other inputs
1
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the supply current when each input is at one of the specified TTL voltage levels rather than 0 V or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com