Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3638PCB Datasheet(PDF) 28 Page - Texas Instruments

Part # SN74ACT3638PCB
Description  512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3638PCB Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN74ACT3638PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 26Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 27Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 28Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 29Page - Texas Instruments SN74ACT3638PCB Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
SN74ACT3638
512
× 32 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS228D – JUNE 1992 – REVISED APRIL 1998
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
1.5 V
1.5 V
3 V
3 V
GND
GND
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data,
Enable
Input
1.5 V
1.5 V
3 V
3 V
GND
GND
High-Level
Input
Low-Level
Input
tw
1.5 V
1.5 V
VOLTAGE WAVEFORMS
PULSE DURATIONS
tpd
tpd
Input
1.5 V
1.5 V
1.5 V
1.5 V
3 V
GND
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
From Output
Under Test
30 pF
(see Note A)
680
Ω
1.1 k
Ω
5 V
LOAD CIRCUIT
VOL
VOH
tPLZ
≈ 3 V
tPHZ
1.5 V
1.5 V
3 V
GND
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tPZL
1.5 V
≈ 0 V
1.5 V
tPZH
Output
Enable
Low-Level
Output
High-Level
Output
NOTE A: Includes probe and jig capacitance
Figure 23. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com