Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3651PCB Datasheet(PDF) 22 Page - Texas Instruments

Part # SN74ACT3651PCB
Description  2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3651PCB Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74ACT3651PCB Datasheet HTML 18Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 19Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 20Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 21Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SN74ACT3651
2048
× 36
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS439D – JUNE 1994 – REVISED FEBRUARY 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 through 16)
’ACT3651-15
’ACT3651-20
’ACT3651-30
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CLKA or CLKB
66.7
50
33.4
MHz
tc
Clock cycle time, CLKA or CLKB
15
20
30
ns
tw(CH)
Pulse duration, CLKA and CLKB high
6
8
12
ns
tw(CL)
Pulse duration, CLKA and CLKB low
6
8
12
ns
tsu(D)
Setup time, A0 – A35 before CLKA
↑ and B0–B35 before CLKB↑
4
5
6
ns
tsu(EN)
Setup time, CSA, W/RA, ENA, and MBA before CLKA
↑;
CSB, W/RB, ENB, MBB, RTM, and RFM before CLKB
↑
4
5
6
ns
tsu(RS)
Setup time, RST low before CLKA
↑ or CLKB↑†
5
6
7
ns
tsu(FS)
Setup time, FS0 and FS1 before RST high
12
13
14
ns
tsu(SD)‡
Setup time, FS0/SD before CLKA
↑
4
5
6
ns
tsu(SEN)‡
Setup time, FS1/SEN before CLKA
↑
5
6
7
ns
th(D)
Hold time, A0 – A35 after CLKA
↑ and B0–B35 after CLKB↑
1
1
1
ns
th(EN)
Hold time, CSA, W/RA, ENA, and MBA after CLKA
↑;
CSB, W/RB, ENB, RFM, and MBB after CLKB
↑
0
0
0
ns
th(RS)
Hold time, RST low after CLKA
↑ or CLKB↑†
5
6
7
ns
th(FS)
Hold time, FS0 and FS1 after RST high
2
3
3
ns
th(SP)‡
Hold time, FS1/SEN high after RST high
1
1
1
ns
th(SD)‡
Hold time, FS0/SD after CLKA
↑
0
0
0
ns
th(SEN)‡
Hold time, FS1/SEN after CLKA
↑
0
0
0
ns
tsk(1)§
Skew time between CLKA
↑ and CLKB↑ for OR and IR
6
8
10
ns
tsk(2)§
Skew time between CLKA
↑ and CLKB↑ for AE and AF
12
16
20
ns
† Requirement to count the clock edge as one of at least four needed to reset a FIFO
‡ Applies only when serial load method is used to program flag offset registers
§ Skew time is not a timing constraint for proper device operation and is included only to illustrate the timing relationship between CLKA cycle and
CLKB cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com