Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3651PCB Datasheet(PDF) 24 Page - Texas Instruments

Part # SN74ACT3651PCB
Description  2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3651PCB Datasheet(HTML) 24 Page - Texas Instruments

Back Button SN74ACT3651PCB Datasheet HTML 18Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 19Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 20Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 21Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 22Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 23Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 24Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 25Page - Texas Instruments SN74ACT3651PCB Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
SN74ACT3651
2048
× 36
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS439D – JUNE 1994 – REVISED FEBRUARY 1999
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
1.5 V
1.5 V
3 V
3 V
GND
GND
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data,
Enable
Input
1.5 V
1.5 V
3 V
3 V
GND
GND
High-Level
Input
Low-Level
Input
tw
1.5 V
1.5 V
VOLTAGE WAVEFORMS
PULSE DURATIONS
tpd
tpd
Input
1.5 V
1.5 V
1.5 V
1.5 V
3 V
GND
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
From Output
Under Test
30 pF
(see Note A)
680
Ω
1.1 k
Ω
5 V
LOAD CIRCUIT
VOL
VOH
tPLZ
≈ 3 V
tPHZ
1.5 V
1.5 V
3 V
GND
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tPZL
1.5 V
≈ 0 V
1.5 V
tPZH
Output
Enable
Low-Level
Output
High-Level
Output
NOTES: A. Includes probe and jig capacitance
B. tPZL and tPZH are the same as ten
C. tPLZ and tPHZ are the same as tdis
Figure 16. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com