Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7882 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT7882
Description  2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7882 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT7882 Datasheet HTML 1Page - Texas Instruments SN74ACT7882 Datasheet HTML 2Page - Texas Instruments SN74ACT7882 Datasheet HTML 3Page - Texas Instruments SN74ACT7882 Datasheet HTML 4Page - Texas Instruments SN74ACT7882 Datasheet HTML 5Page - Texas Instruments SN74ACT7882 Datasheet HTML 6Page - Texas Instruments SN74ACT7882 Datasheet HTML 7Page - Texas Instruments SN74ACT7882 Datasheet HTML 8Page - Texas Instruments SN74ACT7882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74ACT7882
2048
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS445C – JUNE 1994 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions†
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AF/AE
33
O
Almost-full/almost-empty flag. The AF/AE boundary is defined by the AF/AE offset value (X). This
value can be programmed during reset or the default value of 256 can be used. AF/AE is high when
the number of words in memory is less than or equal to X. AF/AE also is high when the number of words
in memory is greater than or equal to (2048 – X).
Programming the AF/AE offset value (X) is accomplished during a reset cycle. The AF/AE offset value
(X) is either user-defined or the default value of X = 256. The procedure to program AF/AE is as follows:
User-defined X
Step 1: Take DAF from high to low. The high-to-low transition of DAF input stores the binary value
on the data inputs as X. The following bits are used, listed from most significant bit to least significant
bit D9–D0.
Step 2: If RESET is not already low, take RESET low.
Step 3: With DAF held low, take RESET high. This defines the AF/AE using X.
NOTE: To retain the current (X) offset, keep DAF low during subsequent reset cycles.
Default X
To redefine AF/AE using the default value of X = 256, hold DAF high during the reset cycle.
DAF
27
I
Define almost-full. The high-to-low transition of DAF stores the binary value of data inputs as the AF/AE
offset value (X). With DAF held low, a RESET cycle defines the AF/AE flag using X.
D0–D17
26–19, 17,
15–7
I
Data inputs for 18-bit-wide data to be stored in the memory. A high-to-low transition on DAF captures
data for the almost-empty/almost-full offset (X) from D9–D0.
HF
36
O
Half-full flag. HF is high when the FIFO contains 1024 or more words and is low when the number of
words in memory is less than half the depth of the FIFO.
IR
35
O
Input-ready flag. IR is high when the FIFO is not full and low when the device is full. During reset, IR
is driven low on the rising edge of the second WRTCLK pulse. IR then is driven high on the rising edge
of the second WRTCLK pulse after RESET goes high. After the FIFO is filled and IR is driven low, IR
is driven high on the second WRTCLK pulse after the first valid read.
OE
2
I
Output enable. The Q0–Q17 outputs are in the high-impedance state when OE is low. OE must be high
before the rising edge of RDCLK to read a word from memory.
OR
66
O
Output-ready flag. OR is high when the FIFO is not empty and low when it is empty. During reset, OR
is set low on the rising edge of the third RDCLK pulse. OR is set high on the rising edge of the third
RDCLK pulse to occur after the first word is written into the FIFO. OR is set low on the rising edge of
the first RDCLK pulse after the last word is read.
Q0–Q17
38–39, 41–42,
44, 46–47,
49–50, 52–53,
55–56, 58–59,
61, 63–64
O
Data out. The first data word to be loaded into the FIFO is moved to Q0–Q17 on the rising edge of the
third RDCLK pulse to occur after the first valid write. RDEN1 and RDEN2 do not affect this operation.
Following data is unloaded on the rising edge of RDCLK when RDEN1, RDEN2, OE, and OR are high.
RDCLK
5
I
Read clock. Data is read out of memory on the low-to-high transition at RDCLK if OR, OE, and RDEN1
and RDEN2 are high. RDCLK is a free-running clock and functions as the synchronizing clock for all
data transfers out of the FIFO. OR also is driven synchronously with respect to RDCLK.
RDEN1
RDEN2
4
3
I
Read enable. RDEN1 and RDEN2 must be high before a rising edge on RDCLK to read a word out
of memory. RDEN1 and RDEN2 are not used to read the first word stored in memory.
RESET
1
I
Reset. A reset is accomplished by taking RESET low and generating a minimum of four RDCLK and
WRTCLK cycles. This ensures that the internal read and write pointers are reset and that OR, HF, and
IR are low, and AF/AE is high. The FIFO must be reset upon power up. With DAF at a low level, a low
pulse on RESET defines AF/AE using the AF/AE offset value (X), where X is the value previously
stored. DAF held high during a RESET cycle defines the AF/AE flag using the default value of X = 256.
WRTCLK
29
I
Write clock. Data is written into memory on a low-to-high transition of WRTCLK if IR, WRTEN1, and
WRTEN2 are high. WRTCLK is a free-running clock and functions as the synchronizing clock for all
data transfers into the FIFO. IR also is driven synchronously with respect to WRTCLK.
WRTEN1
WRTEN2
30
31
I
Write enable. WRTEN1 and WRTEN2 must be high before a rising edge on WRTCLK for a word to
be written into memory. WRTEN1 and WRTEN2 do not affect the storage of the AF/AE offset value (X).
† Terminals listed are for the FN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com