Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7882 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ACT7882
Description  2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7882 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT7882 Datasheet HTML 1Page - Texas Instruments SN74ACT7882 Datasheet HTML 2Page - Texas Instruments SN74ACT7882 Datasheet HTML 3Page - Texas Instruments SN74ACT7882 Datasheet HTML 4Page - Texas Instruments SN74ACT7882 Datasheet HTML 5Page - Texas Instruments SN74ACT7882 Datasheet HTML 6Page - Texas Instruments SN74ACT7882 Datasheet HTML 7Page - Texas Instruments SN74ACT7882 Datasheet HTML 8Page - Texas Instruments SN74ACT7882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN74ACT7882
2048
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS445C – JUNE 1994 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PN PACKAGE
(TOP VIEW)
22 23
VCC
VCC
NC
Q3
Q2
GND
Q1
Q0
VCC
HF
IR
GND
GND
AF/AE
VCC
WRTEN2
WRTEN1
WRTCLK
GND
NC
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
GND
GND
Q16
Q17
VCC
OR
GND
VCC
RESET
OE
RDEN2
RDEN1
RDCLK
GND
D17
D16
D15
NC
NC
25 26 27 28
79 78 77 76 75
80
74
72 71 70
73
29 30 31 32 33
69 68
21
67 66 65 64
34 35 36 37 38 39 40
63 62 61
NC – No internal connection
description
A FIFO memory is a storage device that allows data to be written into and read from its array at independent
data rates. The SN74ACT7882 is organized as 2048 bits deep
× 18 bits wide. The SN74ACT7882 processes
data at rates up to 67 MHz and access times of 11 ns in a bit-parallel format. Data outputs are noninverting with
respect to the data inputs. Expansion is accomplished easily in both word width and word depth.
The SN74ACT7882 has normal input-bus to output-bus asynchronous operation. The special enable circuitry
adds the ability to synchronize independent reads and writes to their respective system clocks.
The SN74ACT7882 is characterized for operation from 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com