Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7882FN Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT7882FN
Description  2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7882FN Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT7882FN Datasheet HTML 7Page - Texas Instruments SN74ACT7882FN Datasheet HTML 8Page - Texas Instruments SN74ACT7882FN Datasheet HTML 9Page - Texas Instruments SN74ACT7882FN Datasheet HTML 10Page - Texas Instruments SN74ACT7882FN Datasheet HTML 11Page - Texas Instruments SN74ACT7882FN Datasheet HTML 12Page - Texas Instruments SN74ACT7882FN Datasheet HTML 13Page - Texas Instruments SN74ACT7882FN Datasheet HTML 14Page - Texas Instruments SN74ACT7882FN Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SN74ACT7882
2048
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS445C – JUNE 1994 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 through 5)
’ACT7882-15
’ACT7882-20
’ACT7882-30
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
67
50
33.4
MHz
WRTCLK high
5
7
8.5
WRTCLK low
6
7
11
tw
Pulse duration
RDCLK high
5
7
8.5
ns
RDCLK low
6
7
11
DAF high (default AF/AE value)
7
8
10
Data in (D0–D17) before WRTCLK
↑
5
5
5
WRTEN1, WRTEN2 high before WRTCLK
↑
4
5
5
OE, RDEN1, RDEN2 high before RDCLK
↑
4
5
5
tsu
Setup time
Reset: RESET low before first WRTCLK
↑
and RDCLK
↑†
5
6
7
ns
Define AF/AE: D0–D9 before DAF
↓
5
5
5
Define AF/AE: DAF
↓ before RESET↑
4
6
7
Define AF/AE (default): DAF high before RESET
↑
4
5
5
Data in (D0–D17) after WRTCLK
↑
0
0
0
WRTEN1, WRTEN2 high after WRTCLK
↑
0
0
0
OE, RDEN1, RDEN2 high after RDCLK
↑
0
0
1
th
Hold time
Reset: RESET low after fourth WRTCLK
↑
and RDCLK
↑†
0
0
0
ns
Define AF/AE: D0–D9 after DAF
↓
0
0
0
Define AF/AE: DAF low after RESET
↑
0
0
0
Define AF/AE (default): DAF high after RESET
↑
0
0
0
† To permit the clock pulse to be utilized for reset purposes
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
TO
’ACT7882-15
’ACT7882-20
’ACT7882-30
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
WRTCLK or RDCLK
67
50
33.4
MHz
tpd
RDCLK
↑
Any Q
3
12
3
13
3
18
ns
tpd‡
RDCLK
↑
Any Q
WRTCLK
↑
IR
2
8
2
9.5
2
12
t d
RDCLK
↑
OR
2
8
2
9.5
2
12
ns
tpd
WRTCLK
↑
AF/AE
6
17
6
19
6
22
RDCLK
↑
AF/AE
6
17
6
19
6
22
tPLH
WRTCLK
↑
HF
6
14
6
17
6
21
ns
tPHL
RDCLK
↑
HF
6
14
6
17
6
21
ns
tPLH
RESET
↓
AF/AE
3
12
3
17
3
21
ns
tPHL
RESET
↓
HF
3
14
3
19
3
23
ns
ten
OE
Any Q
2
9
2
11
2
11
ns
tdis
OE
Any Q
2
10
2
14
2
14
ns
‡ This parameter is measured with CL = 30 pF (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com