Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7882FN Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74ACT7882FN
Description  2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7882FN Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74ACT7882FN Datasheet HTML 7Page - Texas Instruments SN74ACT7882FN Datasheet HTML 8Page - Texas Instruments SN74ACT7882FN Datasheet HTML 9Page - Texas Instruments SN74ACT7882FN Datasheet HTML 10Page - Texas Instruments SN74ACT7882FN Datasheet HTML 11Page - Texas Instruments SN74ACT7882FN Datasheet HTML 12Page - Texas Instruments SN74ACT7882FN Datasheet HTML 13Page - Texas Instruments SN74ACT7882FN Datasheet HTML 14Page - Texas Instruments SN74ACT7882FN Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SN74ACT7882
2048
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS445C – JUNE 1994 – REVISED APRIL 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
14
12
11
10
16
17
18
15
13
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 5 V,
RL = 500 Ω,
TA = 25°C
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
Figure 7
65
64
63
62
4.5 4.6
4.7
4.8
4.9
5
5.1
66
67
68
5.2
5.3
5.4
5.5
VCC – Supply Voltage – V
fi = 5 MHz,
TA = 25°C,
CL = 50 pF
POWER-DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com