Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8994 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT8994
Description  DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8994 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT8994 Datasheet HTML 2Page - Texas Instruments SN74ACT8994 Datasheet HTML 3Page - Texas Instruments SN74ACT8994 Datasheet HTML 4Page - Texas Instruments SN74ACT8994 Datasheet HTML 5Page - Texas Instruments SN74ACT8994 Datasheet HTML 6Page - Texas Instruments SN74ACT8994 Datasheet HTML 7Page - Texas Instruments SN74ACT8994 Datasheet HTML 8Page - Texas Instruments SN74ACT8994 Datasheet HTML 9Page - Texas Instruments SN74ACT8994 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74ACT8994
DIGITAL BUS MONITOR
IEEE STD 1149.1 (JTAG) SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SCAS196E – JULY 1990 – REVISED DECEMBER 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
event-qualification register 2 (continued)
During execution of the DMA instructions, EQR2 is configured as a 48-bit register containing only the three
16-bit data segments. Using DMA instructions allows a continuous stream of data to be loaded or unloaded from
the register files. After each 48th bit of the data stream has been shifted to or from the register files, the register
file addresses are automatically incremented and the first data bit of the next address is shifted.
header register
The header register (HR) is an 8-bit register that initiates DMA write operations on the RAM and on the EQR2
register files. When a DMA write instruction is active, the data being shifted from TDI to TDO is compared against
the current value of the HR and the DMA write operation begins after a match is found. When the value of the
HR is set to 00h, DMA write operations can only be initiated by the TAP and are not initiated by the TDI-to-TDO
data flow.
random-access memory register
The random-access memory register (RAMR) is used to access the 1024-word RAM. Depending on the current
instruction, it is either 16 bits or 26 bits in length and can be thought of as a 16-bit data segment and a 10-bit
address segment.
The RAMR can be accessed using IEEE-Standard-1149.1-1990-compatible instructions or DMA instructions.
When using the IEEE-Standard-1149.1-1990-compatible instructions, RAMR is configured as a 26-bit register.
The data appearing in the 16-bit data segment is loaded into or out of the address specified by the register’s
10-bit address.
During execution of the DMA instructions, RAMR is configured as a 16-bit register containing only the 16-bit
data segment. Using DMA instructions allows a continuous stream of data to be loaded or unloaded from the
register. After each 16th bit of the data stream has been shifted to or from the register, the address is
automatically incremented and the first data bit of the next address is shifted.
test-cell register
The test-cell register (TCR) is a 16-bit register. It can perform PSA operations on the data inputs or on the
contents of RAM. The resulting signature can be scanned out and compared against an expected value. The
TCR is also used during test operations to capture the current value of the data bus.
test operations
The primary function of the DBM is to perform test operations while monitoring a digital bus. The test operations
can be initiated by system conditions (on-line mode) or independent of system conditions (off-line mode). The
description of each of the system test operations follows.
sample
The data at the D inputs is captured in the test-cell register and can be shifted out via TDO for inspection.
parallel-signature analysis
A parallel-signature analysis (PSA) is performed on the data appearing at the D inputs. The test-cell register
is configured as a linear-feedback shift register that compresses the data into a signature. The user can
configure the device to mask data bits from PSA operations and control the feedback of the linear-feedback shift
register. When an input is masked, it is ignored and has no effect on the generated signature.
trace
The data at the D inputs is stored in the RAM. The RAM address is automatically incremented after each write
cycle. The device can be configured to clear the RAM address to 000h at the beginning of test execution. It also
can be configured to allow write cycles to continue after the maximum address 3FFh is reached (thus clearing
the address to 000h and overwriting data).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com