Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8994 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ACT8994
Description  DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8994 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT8994 Datasheet HTML 1Page - Texas Instruments SN74ACT8994 Datasheet HTML 2Page - Texas Instruments SN74ACT8994 Datasheet HTML 3Page - Texas Instruments SN74ACT8994 Datasheet HTML 4Page - Texas Instruments SN74ACT8994 Datasheet HTML 5Page - Texas Instruments SN74ACT8994 Datasheet HTML 6Page - Texas Instruments SN74ACT8994 Datasheet HTML 7Page - Texas Instruments SN74ACT8994 Datasheet HTML 8Page - Texas Instruments SN74ACT8994 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74ACT8994
DIGITAL BUS MONITOR
IEEE STD 1149.1 (JTAG) SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SCAS196E – JULY 1990 – REVISED DECEMBER 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The DBM receives instructions via the IEEE Standard 1149.1-1990 test access port (TAP) interface. The TAP
interface consists of test clock (TCK), test mode select (TMS), test data input (TDI), and test data output (TDO)
pins.
The DBM can be operated in the off-line mode or the on-line mode. In the off-line mode, the device performs
test operations independent of system conditions. Off-line test operations include parallel-signature analysis
(PSA) on the contents of RAM and external test.
In the on-line mode, the DBM can be configured to perform test operations that are initiated based on system
conditions and that operate synchronously to a logical combination of one or more system clocks. The device
allows sample, storage, and/or PSA operations to be performed according to one of eight protocols. Compare
patterns, which can be stored in the event-qualification module (EQM), allow the user to define specific values
of the 16-bit bus for which the test operations are to be performed.
The 1024-word by 16-bit RAM and the EQM register files can be serially accessed using
IEEE-Standard-1149.1-1990-compatible read and write instructions. However, direct memory access (DMA)
instructions also are provided to speed transfer of large amounts of data to and from the RAM and EQM.
The polynomial input/output (PIO) is a bidirectional pin used to cascade more than one DBM to provide
signature analysis on a bus larger than 16 bits.
The SN74ACT8994 is characterized for operation from 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com