Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS232B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS232B
Description  16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS232B Datasheet(HTML) 6 Page - Texas Instruments

  SN74ALS232B Datasheet HTML 1Page - Texas Instruments SN74ALS232B Datasheet HTML 2Page - Texas Instruments SN74ALS232B Datasheet HTML 3Page - Texas Instruments SN74ALS232B Datasheet HTML 4Page - Texas Instruments SN74ALS232B Datasheet HTML 5Page - Texas Instruments SN74ALS232B Datasheet HTML 6Page - Texas Instruments SN74ALS232B Datasheet HTML 7Page - Texas Instruments SN74ALS232B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN74ALS232B
16
× 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS251B – FEBRUARY 1989 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (see Figure 1)
MIN
NOM
MAX
UNIT
f
†
Clock frequency
LDCK
40
MHz
fclock†
Clock frequency
UNCK
40
MHz
RST low
18
LDCK low
15
tw
Pulse duration
LDCK high
10
ns
UNCK low
15
UNCK high
10
t
Setup time
Data before LDCK
↑
8
ns
tsu
Setup time
LDCK inactive before RST
↑
5
ns
th
Hold time
Data after LDCK
↑
5
ns
th
Hold time
LDCK inactive after RST
↑
5
ns
† The maximum possible clock frequency is 40 MHz. The maximum clock frequency when using a 50% duty cycle is 33.3 MHz.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP‡
MAX
MIN
MAX
UNIT
fmax
LDCK, UNCK
50
40
MHz
t d
LDCK
↑
Any Q
14
23
6
30
ns
tpd
UNCK
↑
Any Q
15
23
6
30
ns
tPLH
LDCK
↑
EMPTY
13
20
5
25
ns
UNCK
↑
EMPTY
15
22
6
27
tPHL
RST
↓
EMPTY
15
21
5
26
ns
LDCK
↑
FULL
15
22
6
27
tPLH
UNCK
↑
FULL
13
20
5
25
ns
tPLH
RST
↓
FULL
16
23
7
28
ns
ten
OE
↑
Q
5
12
1
14
ns
tdis
OE
↓
Q
5
12
1
16
ns
‡ Typical values at VCC – 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com