Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS232B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS232B
Description  16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS232B Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS232B Datasheet HTML 1Page - Texas Instruments SN74ALS232B Datasheet HTML 2Page - Texas Instruments SN74ALS232B Datasheet HTML 3Page - Texas Instruments SN74ALS232B Datasheet HTML 4Page - Texas Instruments SN74ALS232B Datasheet HTML 5Page - Texas Instruments SN74ALS232B Datasheet HTML 6Page - Texas Instruments SN74ALS232B Datasheet HTML 7Page - Texas Instruments SN74ALS232B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74ALS232B
16
× 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS251B – FEBRUARY 1989 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic)
1A, 3D
4
D0
5
D1
6
D2
7
D3
Q0
13
2A
Q1
12
Q2
11
Q3
10
C3
EN
2
14
FULL
EMPTY
RAM 16
× 4
1A
16
2A
16
1
16
1
16
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
+
CT = 1
COMP
P = Q
P= Q+1
P = Q–1
P
Q
16
16
S
R
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
+
CT = 1
15
UNCK
C2
2D
S
R
3
LDCK
C1
1D
9
RST
1
OE
Ring
Counter
CTR
DIV 16
Ring
Counter
CTR
DIV 16
Write
Address
Read
Address
16
Pin numbers shown are for the DW and N packages.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com