Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP100V2 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RTOP100V2
Description  Stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RTOP100V2 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RTOP100V2 Datasheet HTML 1Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 2Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 3Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 4Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 5Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
E / 11714 / A
RTO Series
www.sensortechnics.com
Stainless steel pressure sensors
FEATURES
· 0...3 to 0...500 psi and
-15...15 to -15...100 psi
· Absolute and gage pressures
· Calibrated and temperature
compensated
· Rugged stainless steel isolated
package
· Sensortechnics PRO services
SPECIFICATIONS
Maximum ratings
Supply voltage
+15 V
DC
Temperature ranges:
Compensated
0 to +82°C
Operating
-40 to +125°C
Storage
-40 to +125°C
Vibration:
10 g at 20 to 2000 Hz
Shock:
100 g for 11 msec.
Life:
1 million cycles minimum
Insulation resistance (min.):
100 M
Ω at 50 V
DC
ELECTRICAL CONNECTION
-out
+out
Vs-
Vs+


Similar Part No. - RTOP100V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTOP100 VISHAY-RTOP100 Datasheet
462Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-04
More results

Similar Description - RTOP100V2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
logo
Sensortechnics GmbH
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
Temperature compensated silicon stainless steel pressure sensors
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
Temperature compensated silicon stainless steel pressure sensors
logo
Honeywell Solid State E...
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
Compensated stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com