Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP100V2 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RTOP100V2
Description  Stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RTOP100V2 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RTOP100V2 Datasheet HTML 1Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 2Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 3Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 4Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 5Page - Sensortechnics GmbH RTOP100V2 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
E / 11714 / A
RTO Series
www.sensortechnics.com
Stainless steel pressure sensors
Ø .668 (16.98)
CKT CAVITY
4 x .125 (3.2)
Ø .746
(18.95)
2.0 NOMEX INSULATED
RIBBON CABLE
W/ .100 (2.54) PIN SPACING
(24 AWG EQUIV.)
.75 (19)
HEX
Ø .171 (4.34)
Ø .438
(11.13)
Ø .720
(18.89)
RTO...7 (1/4 BSP package)
mass: 52 g
dimensions in inches (mm)
PHYSICAL DIMENSIONS (cont.)
third angle projection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com