Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11152SV12P00 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 11152SV12P00
Description  PC mount switching solenoid valve
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

11152SV12P00 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  11152SV12P00 Datasheet HTML 1Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 2Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 3Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 4Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series 11
PC mount switching solenoid valve
1/5
June 2007 / 259
www.sensortechnics.com
FEATURES
· 2-way or 3-way, 2 position valve
(NO, NC & Distributor)
· Offer a discrete valve design with a
200 million life cycle rating
· Available in manifold mounting
· Provide a range of electrical coil
options, including PC mountable,
spade lugs, or wire leads
· Powerful enough for a range of uses
that require high flow
PHYSICAL PROPERTIES
Operating environment
0 to 70 °C
Storage temperature
-40 to 70 °C
Length
43.9 mm (1.73 in)
Width
15.9 mm (0.625 in)
Height
17 mm (0.67 in)
Porting
10-32 tapped ports,
1/16, 5/64 or 1/8 in stem barbs
Weight
60 g (2.1 oz)
Internal volume
0.026 in3 (without fittings)
Filtration (recommended)
40 µm
Lubrication
None required
MEDIA COMPATIBILITY
Gases and selected liquids
ELECTRICAL
Power
0.5, 1.0 or 2.0 W
Voltage
5, 12, 24 V
DC ± 10%
WETTED MATERIALS
Body:
360 HO2 brass;
302 series stainless steel (passivated)
Stem base:
385 HO2 brass;
303 series stainless steel (passivated)
All others:
FKM; EPDM; 430 FR series stainless steel
(passivated); 302 series stainless steel


Similar Part No. - 11152SV12P00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11152 ETC2-11152 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
More results

Similar Description - 11152SV12P00

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
Switching solenoid dump valve
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
Manifold mountable plastic switching solenoid valve
V2101PV5P00 SENSORTECHNICS-V2101PV5P00 Datasheet
253Kb / 4P
Value squared switching solenoid valve
logo
Festo Corporation.
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com