Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11152SV12P00 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # 11152SV12P00
Description  PC mount switching solenoid valve
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

11152SV12P00 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  11152SV12P00 Datasheet HTML 1Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 2Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 3Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 4Page - Sensortechnics GmbH 11152SV12P00 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series 11
PC mount switching solenoid valve
5/5
June 2007 / 259
www.sensortechnics.com
COIL STYLES
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
e
p
y
T
l
a
i
r
e
t
a
M
e
g
a
t
l
o
V
e
p
y
t
l
i
o
C
c
i
t
a
m
u
e
n
P
n
o
i
t
c
e
n
n
o
c
y
d
o
b
c
i
t
a
m
u
e
n
P
n
o
i
t
c
e
n
n
o
c
m
e
t
s
.
x
a
M
e
r
u
s
s
e
r
p
e
z
i
s
e
c
if
i
r
O
li
o
C
e
g
a
t
t
a
w
y
d
o
B
r
e
g
n
u
l
P
l
a
e
s
&
s
n
o
i
t
p
O1
1
:
0
1
i
s
p
0
0
1
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
2
:
1
C
N
y
a
w
-
2
:
V
B
s
s
a
r
bM
K
F
:
5
V
5
C
D
:
P
s
n
i
p
C
P
4
:
0
o
n
s
b
r
a
b
:
0
/
1
e
p
y
t
e
n
o
n
:
2
1
i
s
p
0
7
.
.
.
0"
0
5
0
.
0
)
m
m
7
2
.
1
(
W
2
:
2
O
N
y
a
w
-
2
:
V
S
*
S
SM
K
F
:
2
1
V
2
1
C
D
:
S
r
e
d
l
o
s
2
s
p
a
t
:
6
"
6
1
/
1
s
b
r
a
b
:
6
"
6
1
/
1
*
s
b
r
a
b
:
3
1
i
s
p
0
5
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1
:
3
r
o
C
N
y
a
w
-
3
r
o
t
u
b
i
r
t
s
i
d
:
E
B
s
s
a
r
bM
D
P
E
:
4
2
V
4
2
C
D
:
Q
k
c
i
u
Q
t
c
e
n
n
o
c
:
7
"
4
6
/
5
s
b
r
a
b
:
7
"
4
6
/
5
s
b
r
a
b
:
5
1
i
s
p
5
2
.
.
.
0"
0
5
0
.
0
)
m
m
7
2
.
1
(
W
1
:
4
O
N
y
a
w
-
3
:
F
,
s
d
a
e
l
e
r
i
W
o
n
,
"
8
1
s
l
a
n
i
m
r
e
t
:
8
"
8
/
1
s
b
r
a
b
:
8
"
8
/
1
s
b
r
a
b
:
6
1
i
s
p
5
2
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
5
.
0
:
8
1
i
s
p
0
1
.
.
.
0"
0
5
0
.
0
)
m
m
7
2
.
1
(
W
5
.
0
l
e
e
t
s
s
s
e
l
n
i
a
t
S
*
s
b
r
a
b
"
6
1
/
1
*
r
o
f
e
l
b
a
li
a
v
a
t
o
n
e
c
if
i
r
o
"
0
5
0
.
0
:
e
l
p
m
a
x
E
1
1
0
1
3
V
B
2
1
P
7
7
11...F...
(Wire leads, no terminals)
11...6...
(0.062" barbs,
1/16" I.D. tubing)
BODY STYLES
11...0...
(No barbs,
face seal to manifold)
11...0
(Type 1 top seat,
plugged)
STEM STYLES
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
11...P...
(PC mount, 4 PC pins)
11...7...
(0.078" barbs,
5/64" I.D. tubing)
11...8...
(0.125" barbs,
1/8" I.D. tubing,
1/4" O.D. max.)
11...6
(0.062" top seat,
1/16" I.D. tubing)
11...7
(0.078" top seat,
5/64" I.D. tubing)
11...8
(0.125" top seat,
1/8" I.D. tubing,
1/4" O.D. max.)
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.
11...S...
(PC mount, 2 solder pads)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com