Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC244A Datasheet(PDF) 1 Page - Texas Instruments

Part # VC244A
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VC244A Datasheet(HTML) 1 Page - Texas Instruments

  VC244A Datasheet HTML 1Page - Texas Instruments VC244A Datasheet HTML 2Page - Texas Instruments VC244A Datasheet HTML 3Page - Texas Instruments VC244A Datasheet HTML 4Page - Texas Instruments VC244A Datasheet HTML 5Page - Texas Instruments VC244A Datasheet HTML 6Page - Texas Instruments VC244A Datasheet HTML 7Page - Texas Instruments VC244A Datasheet HTML 8Page - Texas Instruments VC244A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
SN74ALVC16244A
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS250O – JANUARY 1993 – REVISED OCTOBER 2005
•
Member of the Texas Instruments Widebus™
Family
•
Operates From 1.65 V to 3.6 V
•
Max tpd of 3 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 16-bit buffer/driver is designed for 1.65-V to
3.6-V VCC operation.
The SN74ALVC16244A is designed specifically to
improve the performance and density of 3-state
memory-address
drivers,
clock
drivers,
and
bus-oriented receivers and transmitters.
The device can be used as four 4-bit buffers, two
8-bit buffers, or one 16-bit buffer. It provides true
outputs and symmetrical active-low output-enable
(OE) inputs.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74ALVC16244AGRDR
Tape and reel
VC244A
FBGA – ZRD (Pb-free)
SN74ALVC16244AZRDR
Tube
SN74ALVC16244ADL
SSOP – DL
ALVC16244A
Tape and reel
SN74ALVC16244ADLR
–40
°C to 85°C
SN74ALVC16244ADGGR
TSSOP – DGG
Tape and reel
ALVC16244A
SN74ALVC16244ADGGRE4
VFBGA – GQL
SN74ALVC16244AGQLR
Tape and reel
VC244A
VFBGA – ZQL (Pb-free)
SN74ALVC16244AZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VC244A

ManufacturerPart #DatasheetDescription
logo
France Joint
VC24X31X4 FRANCEJOINT-VC24X31X4 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC24X33X4 FRANCEJOINT-VC24X33X4 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC24X36X4 FRANCEJOINT-VC24X36X4 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
VC24X38X5 FRANCEJOINT-VC24X38X5 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
More results

Similar Description - VC244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com