Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC244A Datasheet(PDF) 4 Page - Texas Instruments

Part # VC244A
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VC244A Datasheet(HTML) 4 Page - Texas Instruments

  VC244A Datasheet HTML 1Page - Texas Instruments VC244A Datasheet HTML 2Page - Texas Instruments VC244A Datasheet HTML 3Page - Texas Instruments VC244A Datasheet HTML 4Page - Texas Instruments VC244A Datasheet HTML 5Page - Texas Instruments VC244A Datasheet HTML 6Page - Texas Instruments VC244A Datasheet HTML 7Page - Texas Instruments VC244A Datasheet HTML 8Page - Texas Instruments VC244A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74ALVC16244A
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS250O – JANUARY 1993 – REVISED OCTOBER 2005
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
Control Inputs
0
VCC
VI
Input voltage
V
Data Inputs
0
3.6
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–12
IOH
High-level output current
mA
VCC = 2.7 V
–12
VCC = 3 V
–24
VCC = 1.65 V
4
VCC = 2.3 V
12
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
IOH = –6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = –12 mA
2.7 V
2.2
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
IOL = 6 mA
2.3 V
0.4
VOL
V
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
Other inputs at VCC or
∆I
CC
One input at VCC – 0.6 V,
3 V to 3.6 V
750
µA
GND
Control inputs
3
Ci
VI = VCC or GND
3.3 V
pF
Data inputs
6
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com