Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC7803 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALVC7803
Description  512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7803 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALVC7803 Datasheet HTML 4Page - Texas Instruments SN74ALVC7803 Datasheet HTML 5Page - Texas Instruments SN74ALVC7803 Datasheet HTML 6Page - Texas Instruments SN74ALVC7803 Datasheet HTML 7Page - Texas Instruments SN74ALVC7803 Datasheet HTML 8Page - Texas Instruments SN74ALVC7803 Datasheet HTML 9Page - Texas Instruments SN74ALVC7803 Datasheet HTML 10Page - Texas Instruments SN74ALVC7803 Datasheet HTML 11Page - Texas Instruments SN74ALVC7803 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74ALVC7803
512
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SDAS274 – JANUARY 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
offset values for AF/AE
The AF/AE flag has two programmable limits: the almost-empty offset value (X) and the almost-full offset value
(Y). They can be programmed after the FIFO is reset and before the first word is written to memory. If the offsets
are not programmed, the default values of X = Y = 64 are used. The AF/AE flag is high when the FIFO contains
X or less words or (512 minus Y) or more words.
Program enable (PEN) should be held high throughout the reset cycle. PEN can be brought low only when IR
is high. On the following low-to-high transition of WRTCLK, the binary value on D0 – D7 is stored as the almost
empty offset value (X) and the almost full offset value (Y). Holding PEN low for another low-to-high transition
of WRTCLK reprograms Y to the binary value on D0 – D7 at the time of the second WRTCLK low-to-high
transition. When the offsets are being programmed, writes to the FIFO memory are disabled regardless of the
state of WRTEN1 and WRTEN2. A maximum value of 255 can be programmed for either X or Y
(see Figure 4). To use the default values of X = Y = 64, PEN must be held high.
34
RESET
WRTCLK
PEN
WRTEN1
WRTEN2
D0 – D7
IR
X and Y
Y
Figure 4. Programming X and Y Separately
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK ( VI < 0 )
*50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK ( VO < 0 or VO > VCC )
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO ( VO = 0 to VCC )
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
"100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings can be exceeded if the input and output clamp current ratings are observed.
2. This value is limited to 4.6 V maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com