Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC7803 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74ALVC7803
Description  512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7803 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ALVC7803 Datasheet HTML 6Page - Texas Instruments SN74ALVC7803 Datasheet HTML 7Page - Texas Instruments SN74ALVC7803 Datasheet HTML 8Page - Texas Instruments SN74ALVC7803 Datasheet HTML 9Page - Texas Instruments SN74ALVC7803 Datasheet HTML 10Page - Texas Instruments SN74ALVC7803 Datasheet HTML 11Page - Texas Instruments SN74ALVC7803 Datasheet HTML 12Page - Texas Instruments SN74ALVC7803 Datasheet HTML 13Page - Texas Instruments SN74ALVC7803 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SN74ALVC7803
512
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SDAS274 – JANUARY 1995
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
0
102030405060708090
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
fdata = 1/2 fclock
TA = 75°C
CL = 0 pF
Figure 7
calculating power dissipation
With ICCf taken from Figure 7, the dynamic power (Pd), based on all data outputs changing states on each read,
can be calculated by using:
Pd = VCC × [ICC(f) + (N × ∆ICC × dc)] + ∑(CL × VCC2 × fo)
A more accurate total power (PT) can be calculated if quiescent power (Pq) is also taken into consideration.
Quiescent power (Pq) can be calculated using:
Pq = VCC × [ICCI + (N × ∆ICC × dc)]
Total power would be:
PT = Pd + Pq
The above equations provide worst-case power calculations.
Where:
N
= number of inputs driven by TTL levels
∆ICC = increase in power supply current for each input at a TTL high level
dc
= duty cycle of inputs at a TTL high level of 3.4 V
CL
= output capacitance load
fo
= switching frequency of an output
ICCI
= idle current, supply current when FIFO is idle
≈ pF × fclock = 0.2 × fclock
(current is due to free-running clocks)
pF
= power factor (the slope of idle current versus clock frequency).
ICCf
= active current, supply current when FIFO is transferring data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com