Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2222 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2222
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2222 Datasheet HTML 9Page - Linear Technology LTC2222 Datasheet HTML 10Page - Linear Technology LTC2222 Datasheet HTML 11Page - Linear Technology LTC2222 Datasheet HTML 12Page - Linear Technology LTC2222 Datasheet HTML 13Page - Linear Technology LTC2222 Datasheet HTML 14Page - Linear Technology LTC2222 Datasheet HTML 15Page - Linear Technology LTC2222 Datasheet HTML 16Page - Linear Technology LTC2222 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2222/LTC2223
13
22223fa
FUNCTIONAL BLOCK DIAGRA
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF
0.1
µF0.1µF
1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.6V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC–
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OVDD
22223 F01
INPUT
S/H
SENSE
VCM
AIN
–
AIN
+
2.2
µF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
SHDN
OF
D11
D0
CLKOUT
•
•
•
Figure 1. Functional Block Diagram
tAP
N + 1
N + 2
N + 4
N + 3
N
ANALOG
INPUT
tH
tOE
tOE
tD
tC
tL
N – 5
N – 4
N – 3
N – 2
N – 1
ENC–
ENC+
CLOCKOUT
D0-D11, OF
22223 TD02
OE
DATA
OF, D0-D11, CLKOUT
Timing Diagram
TI I G DIAGRA S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com