Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2222 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2222
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2222 Datasheet HTML 14Page - Linear Technology LTC2222 Datasheet HTML 15Page - Linear Technology LTC2222 Datasheet HTML 16Page - Linear Technology LTC2222 Datasheet HTML 17Page - Linear Technology LTC2222 Datasheet HTML 18Page - Linear Technology LTC2222 Datasheet HTML 19Page - Linear Technology LTC2222 Datasheet HTML 20Page - Linear Technology LTC2222 Datasheet HTML 21Page - Linear Technology LTC2222 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2222/LTC2223
18
22223fa
Figure 4. Differential Drive with an Amplifier
25
Ω
25
Ω
12pF
2.2
µF
3pF
3pF
VCM
LTC2222/23
22223 F04
–
–
+
+
CM
ANALOG
INPUT
HIGH SPEED
DIFFERENTIAL
AMPLIFIER
AMPLIFIER = LTC6600-20, LT1993, ETC.
AIN
+
AIN
–
APPLICATIO S I FOR ATIO
25
Ω
25
Ω
12
Ω
12
Ω
0.1
µF
AIN
+
AIN
–
8pF
2.2
µF
VCM
LTC2222/23
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM ETC1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
22223 F06
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
LTC2222/23
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM ETC1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
22223 F07
Figure 7. Recommended Front End Circuit for
Input Frequencies Between 250MHz and 500MHz
Figure 6. Recommended Front End Circuit for
Input Frequencies Between 100MHz and 250MHz
25
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
1k
12pF
22223 F05
2.2
µF
1k
25
Ω
0.1
µF
LTC2222/23
Figure 5. Single-Ended Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com