Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC7813 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74ALVC7813
Description  64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7813 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ALVC7813 Datasheet HTML 6Page - Texas Instruments SN74ALVC7813 Datasheet HTML 7Page - Texas Instruments SN74ALVC7813 Datasheet HTML 8Page - Texas Instruments SN74ALVC7813 Datasheet HTML 9Page - Texas Instruments SN74ALVC7813 Datasheet HTML 10Page - Texas Instruments SN74ALVC7813 Datasheet HTML 11Page - Texas Instruments SN74ALVC7813 Datasheet HTML 12Page - Texas Instruments SN74ALVC7813 Datasheet HTML 13Page - Texas Instruments SN74ALVC7813 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SN74ALVC7813
64
× 18
LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS594A – OCTOBER 1997 – REVISED APRIL 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
0
102030405060708090
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
fdata = 1/2 fclock
TA = 75°C
CL = 0 pF
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com