Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC7813 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVC7813
Description  64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7813 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC7813 Datasheet HTML 1Page - Texas Instruments SN74ALVC7813 Datasheet HTML 2Page - Texas Instruments SN74ALVC7813 Datasheet HTML 3Page - Texas Instruments SN74ALVC7813 Datasheet HTML 4Page - Texas Instruments SN74ALVC7813 Datasheet HTML 5Page - Texas Instruments SN74ALVC7813 Datasheet HTML 6Page - Texas Instruments SN74ALVC7813 Datasheet HTML 7Page - Texas Instruments SN74ALVC7813 Datasheet HTML 8Page - Texas Instruments SN74ALVC7813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74ALVC7813
64
× 18
LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS594A – OCTOBER 1997 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Low-Power Advanced CMOS Technology
D Operates From 3-V to 3.6-V VCC
D Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident
D Read and Write Operations Synchronized
to Independent System Clocks
D Half-Full Flag and Programmable
Almost-Full/Almost-Empty Flag
D Bidirectional Configuration and Width
Expansion Without Additional Logic
D Input-Ready Flag Synchronized to Write
Clock
D Output-Ready Flag Synchronized to Read
Clock
D Fast Access Times of 13 ns With a 50-pF
Load and All Data Outputs Switching
Simultaneously
D Data Rates up to 50 MHz
D Pin-to-Pin Compatible With SN74ACT7803,
SN74ACT7805, and SN74ACT7813
D Packaged in Shrink Small-Outline 300-mil
Package Using 25-mil Center-to-Center
Lead Spacing
description
The SN74ALVC7813 is suited for buffering
asynchronous data paths up to 50-MHz clock
rates and 13-ns access times. This device is
designed for 3-V to 3.6-V VCC operation. Two
devices can be configured for bidirectional data
buffering without additional logic.
The write clock (WRTCLK) and read clock (RDCLK) are free running and can be asynchronous or coincident.
Data is written to memory on the rising edge of WRTCLK when WRTEN1 is high, WRTEN2 is low, and input
ready (IR) is high. Data is read from memory on the rising edge of RDCLK when RDEN, OE1, and OE2 are low
and output ready (OR) is high. The first word written to memory is clocked through to the output buffer,
regardless of the RDEN, OE1, and OE2 levels. The OR flag indicates that valid data is present on the output
buffer.
The FIFO can be reset asynchronously to WRTCLK and RDCLK. Reset (RESET) must be asserted while at
least four WRTCLK and four RDCLK rising edges occur to clear the synchronizing registers. Resetting the FIFO
initializes the IR, OR, and half-full (HF) flags low and the almost-full/almost-empty (AF/AE) flag high. The FIFO
must be reset upon power up.
The SN74ALVC7813 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
RESET
D17
D16
D15
D14
D13
D12
D11
D10
VCC
D9
D8
GND
D7
D6
D5
D4
D3
D2
D1
D0
HF
PEN
AF/AE
WRTCLK
WRTEN2
WRTEN1
IR
OE1
Q17
Q16
Q15
GND
Q14
VCC
Q13
Q12
Q11
Q10
Q9
GND
Q8
Q7
Q6
Q5
VCC
Q4
Q3
Q2
GND
Q1
Q0
RDCLK
RDEN
OE2
OR
DL PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN74ALVC7813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
149Kb / 11P
64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814 TI2-SN74ALVC7814 Datasheet
280Kb / 14P
64 × 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
REVISED APRIL 1998
SN74ALVC7814-25DL TI-SN74ALVC7814-25DL Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DLR TI-SN74ALVC7814-25DLR Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALVC7813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI-SN74ALVC7805 Datasheet
196Kb / 14P
256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
149Kb / 11P
64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com