Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALVC244 Datasheet(PDF) 1 Page - Texas Instruments

Part # ALVC244
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ALVC244 Datasheet(HTML) 1 Page - Texas Instruments

  ALVC244 Datasheet HTML 1Page - Texas Instruments ALVC244 Datasheet HTML 2Page - Texas Instruments ALVC244 Datasheet HTML 3Page - Texas Instruments ALVC244 Datasheet HTML 4Page - Texas Instruments ALVC244 Datasheet HTML 5Page - Texas Instruments ALVC244 Datasheet HTML 6Page - Texas Instruments ALVC244 Datasheet HTML 7Page - Texas Instruments ALVC244 Datasheet HTML 8Page - Texas Instruments ALVC244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
DESCRIPTION/ORDERING INFORMATION
SN74ALVC244
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES188G – FEBRUARY 1999 – REVISED OCTOBER 2004
•
ESD Protection Exceeds JESD 22
•
Operates From 1.65 V to 3.6 V
– 2000-V Human-Body Model (A114-A)
•
Max tpd of 2.8 ns at 3.3 V
– 200-V Machine Model (A115-A)
•
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This octal buffer/line driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC244 is organized as two 4-bit line drivers with separate output-enable (OE) inputs. When OE is
low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN - RGY
Tape and reel
SN74ALVC244RGYR
VA244
Tube
SN74ALVC244DW
SOIC - DW
ALVC244
Tape and reel
SN74ALVC244DWR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC244NSR
ALVC244
Tube
SN74ALVC244PW
TSSOP - PW
VA244
Tape and reel
SN74ALVC244PWR
TVSOP - DGV
Tape and reel
SN74ALVC244DGVR
VA244
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ALVC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ALVC125 TI-ALVC125 Datasheet
254Kb / 11P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
ALVC14 TI-ALVC14 Datasheet
261Kb / 11P
HEX SCHMITT-TRIGGER INVERTER
ALVC16244A TI-ALVC16244A Datasheet
369Kb / 14P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
ALVC162835 TI-ALVC162835 Datasheet
212Kb / 12P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
ALVCH16245 TI-ALVCH16245 Datasheet
465Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - ALVC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com