Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALVC244 Datasheet(PDF) 4 Page - Texas Instruments

Part # ALVC244
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ALVC244 Datasheet(HTML) 4 Page - Texas Instruments

  ALVC244 Datasheet HTML 1Page - Texas Instruments ALVC244 Datasheet HTML 2Page - Texas Instruments ALVC244 Datasheet HTML 3Page - Texas Instruments ALVC244 Datasheet HTML 4Page - Texas Instruments ALVC244 Datasheet HTML 5Page - Texas Instruments ALVC244 Datasheet HTML 6Page - Texas Instruments ALVC244 Datasheet HTML 7Page - Texas Instruments ALVC244 Datasheet HTML 8Page - Texas Instruments ALVC244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVC244
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES188G – FEBRUARY 1999 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
4.4
1
3.1
3.1
1.1
2.8
ns
ten
OE
Y
1.8
6.9
1.5
5.4
5.3
1.5
4.5
ns
tdis
OE
Y
1.8
5.9
1
4.1
4.4
1.7
4.2
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
22
23
26
Power dissipation
Cpd
CL = 0, f = 10 MHz
pF
capacitance per buffer/driver
Outputs disabled
1
1
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com