Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2-R15 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L2-R15
Description  FERRITE CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R15 Datasheet(HTML) 2 Page - Superworld Electronics

  L2-R15 Datasheet HTML 1Page - Superworld Electronics L2-R15 Datasheet HTML 2Page - Superworld Electronics L2-R15 Datasheet HTML 3Page - Superworld Electronics L2-R15 Datasheet HTML 4Page - Superworld Electronics L2-R15 Datasheet HTML 5Page - Superworld Electronics L2-R15 Datasheet HTML 6Page - Superworld Electronics L2-R15 Datasheet HTML 7Page - Superworld Electronics L2-R15 Datasheet HTML 8Page - Superworld Electronics L2-R15 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP INDUCTORS
L2 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.04.2008
6. ELECTRICAL CHARACTERISTICS :
( MHz )
Frequency
L2-R18-10
15
0603
0.180
0603
0603
0603
0603
0603
0603
0603
L2-120-10
L2-150-10
L2-180-10
L2-5R6-10
L2-6R8-10
L2-8R2-10
L2-100-10
12.000
18.000
15.000
10.000
8.200
6.800
5.600
30
20
20
30
30
30
30
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
0603
L2-1R0-10
L2-1R2-10
L2-1R5-10
L2-1R8-10
L2-2R2-10
L2-2R7-10
L2-3R3-10
L2-3R9-10
L2-4R7-10
L2-R22-10
L2-R27-10
L2-R33-10
L2-R39-10
L2-R47-10
L2-R56-10
L2-R68-10
L2-R82-10
30
1.000
2.200
3.300
4.700
3.900
2.700
1.500
1.800
1.200
30
30
30
30
30
30
30
30
0.680
0.820
0.560
0.470
0.270
0.390
0.330
0.220
15
15
15
15
15
15
15
15
0603
0603
0603
0603
0603
0603
Size
EIA
L2-47N-10
L2-68N-10
L2-82N-10
L2-R10-10
L2-R12-10
L2-R15-10
Part Number
Inductance
0.082
0.120
0.150
0.100
0.068
0.047
( µH )
10
15
15
15
10
10
Min.
Q
165
50
0.60
25
15
2
1
1
13
14
2
4
4
4
18
17
22
20
2.75
1.85
1.70
2.55
2.10
1.70
1.55
15
15
15
15
15
15
15
70
0.60
10
45
10
10
10
10
10
38
36
33
40
10
10
10
55
50
60
1.15
1.55
2.10
1.70
1.35
0.80
0.95
0.80
150
125
136
105
110
25
25
25
25
80
75
95
25
25
25
25
1.70
2.10
1.35
1.55
0.80
1.00
0.85
0.80
25
25
15
25
15
15
15
15
25
35
35
35
35
35
50
50
35
Max.
DC Resistance
(
)
SRF
Test
260
240
245
180
205
250
( MHz )
Min.
50
25
25
25
50
50
0.30
0.50
0.60
0.50
0.30
0.30
Rated Current
50
50
50
50
50
50
( mA )
Inductance tolerance :
: K : ±10%
M : ±20%
Packaging : Paper Carrier Tape ( 47N ~ 3R9 )
Embossed Carrier Tape ( 4R7 ~ 180 )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com