Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2-R15 Datasheet(PDF) 1 Page - Superworld Electronics

Part # L2-R15
Description  FERRITE CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R15 Datasheet(HTML) 1 Page - Superworld Electronics

  L2-R15 Datasheet HTML 1Page - Superworld Electronics L2-R15 Datasheet HTML 2Page - Superworld Electronics L2-R15 Datasheet HTML 3Page - Superworld Electronics L2-R15 Datasheet HTML 4Page - Superworld Electronics L2-R15 Datasheet HTML 5Page - Superworld Electronics L2-R15 Datasheet HTML 6Page - Superworld Electronics L2-R15 Datasheet HTML 7Page - Superworld Electronics L2-R15 Datasheet HTML 8Page - Superworld Electronics L2-R15 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L 2 - 4 7 N K - 1 0
(a)
(b)
(d)
1. PART NO. EXPRESSION :
(b) Inductance code : 47N = 0.047uH
(c) Tolerance code : K = ±10%, M = ±20%
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Body : Ferrite
(b) Termination : Ag/Ni/Sn
a
3. SCHEMATIC :
(d) 10 : Lead Free
5. GENERAL SPECIFICATION :
b) Rated current : Base on temp. rise
a) Temp. rise : 30°C Max.
L2 SERIES
FERRITE CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.04.2008
PCB Pattern
G
0.80±0.15
BD
0.60 Ref.
0.80 Ref.
2.60 Ref.
GH
L
Unit:m/m
L
1.60±0.15
A
C
0.80±0.15
A
D
B
0.30±0.20
b
Ag(100%)
Ni(100%)-1.5um(min.)
Sn(100%)-3.0um(min.)
c) Storage temp. : -40°C to +85°C
d) Operating temp. : -40°C to +85°C
e) Resistance to solder heat : 260°C.10secs
(c)


Similar Part No. - L2-R15

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-R15-10 SUPERWORLD-L2-R15-10 Datasheet
250Kb / 7P
FERRITE CHIP INDUCTORS
L2-R15-10 SUPERWORLD-L2-R15-10 Datasheet
266Kb / 7P
FERRITE CHIP INDUCTORS
L2-R15-10 SUPERWORLD-L2-R15-10 Datasheet
275Kb / 6P
Chip Inductors
More results

Similar Description - L2-R15

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
FERRITE CHIP INDUCTORS
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
FERRITE CHIP INDUCTORS
L201610 SUPERWORLD-L201610 Datasheet
348Kb / 7P
FERRITE CHIP INDUCTORS
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
FERRITE CHIP INDUCTORS
L2_SERIES SUPERWORLD-L2_SERIES Datasheet
266Kb / 7P
FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
Ferrite Chip Inductors
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com