Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4-R10-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L4-R10-10
Description  FERRITE CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L4-R10-10 Datasheet(HTML) 2 Page - Superworld Electronics

  L4-R10-10 Datasheet HTML 1Page - Superworld Electronics L4-R10-10 Datasheet HTML 2Page - Superworld Electronics L4-R10-10 Datasheet HTML 3Page - Superworld Electronics L4-R10-10 Datasheet HTML 4Page - Superworld Electronics L4-R10-10 Datasheet HTML 5Page - Superworld Electronics L4-R10-10 Datasheet HTML 6Page - Superworld Electronics L4-R10-10 Datasheet HTML 7Page - Superworld Electronics L4-R10-10 Datasheet HTML 8Page - Superworld Electronics L4-R10-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP INDUCTORS
L4 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
6. ELECTRICAL CHARACTERISTICS :
( MHz )
Frequency
20
1206
0.270
L4-R27 -10
50
1206
6.800
L4-6R8 -10
Inductance tolerance :
1206
1206
1206
1206
1206
1206
1206
1206
L4-220 -10
L4-330 -10
L4-270 -10
L4-100 -10
L4-8R2 -10
L4-150 -10
L4-180 -10
L4-120 -10
M : ±20%
: K : ±10%
27.000
33.000
22.000
18.000
15.000
12.000
10.000
8.200
35
35
35
35
35
50
50
50
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
L4-1R5 -10
L4-2R2 -10
L4-1R8 -10
L4-2R7 -10
L4-4R7 -10
L4-3R9 -10
L4-3R3 -10
L4-5R6 -10
L4-R39 -10
L4-R56 -10
L4-R47 -10
L4-R68 -10
L4-1R2 -10
L4-1R0 -10
L4-R82 -10
L4-R33 -10
3.300
4.700
5.600
3.900
2.200
2.700
1.500
1.800
45
45
50
45
45
45
45
45
0.560
1.200
1.000
0.680
0.820
0.390
0.470
0.330
25
45
45
25
25
25
25
20
1206
1206
1206
1206
1206
1206
1206
Size
EIA
Part Number
L4-R22 -10
L4-R12 -10
L4-R15 -10
L4-R18 -10
L4-R10 -10
L4-68N -10
L4-47N -10
Q
Inductance
0.220
0.180
0.120
0.150
( µH )
0.100
0.068
0.047
20
20
20
20
Min
20
20
20
250
150
0.50
25
29
25
0.80
4
0.90
0.90
1.05
1.00
0.90
0.70
070
1.05
16
14
13
26
19
22
18
24
1
0.4
1
1
1
2
2
4
25
25
15
5
5
5
5
5
0.50
0.50
0.60
0.60
0.70
0.90
0.80
0.70
0.60
0.60
0.70
0.80
0.90
0.50
0.40
0.50
60
55
50
45
38
41
32
35
10
10
4
10
10
10
10
10
145
125
105
115
135
65
75
100
25
10
10
25
25
25
25
25
50
50
50
50
50
50
50
25
250
200
200
150
100
100
150
250
0.40
0.30
0.40
0.30
0.25
Max.
0.25
0.15
DC Resistance
(
)
( MHz )
320
235
200
220
280
170
185
Min.
25
25
25
25
25
50
50
SRF
Test
Rated Current
250
250
250
250
250
300
300
( mA )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com