Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4-R10-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # L4-R10-10
Description  FERRITE CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L4-R10-10 Datasheet(HTML) 8 Page - Superworld Electronics

  L4-R10-10 Datasheet HTML 1Page - Superworld Electronics L4-R10-10 Datasheet HTML 2Page - Superworld Electronics L4-R10-10 Datasheet HTML 3Page - Superworld Electronics L4-R10-10 Datasheet HTML 4Page - Superworld Electronics L4-R10-10 Datasheet HTML 5Page - Superworld Electronics L4-R10-10 Datasheet HTML 6Page - Superworld Electronics L4-R10-10 Datasheet HTML 7Page - Superworld Electronics L4-R10-10 Datasheet HTML 8Page - Superworld Electronics L4-R10-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 8
15.01.2008
FERRITE CHIP INDUCTORS
L4 SERIES
10-1. Reel Dimension
7" x 12mm
R0.5
R10.5
13.5±0.5
7" x 8mm
Ko
P
P
10-2.1 Tape Dimension / 12mm
D1:1±0.1
Po:4±0.1
A
D1:1.5±0.1
D:1.5+0.1
A
P2:2±0.05
Section A-A
Ko
Ao
Z / L
t
Section A-A
Ao
A
Series
D:1.5+0.1
10-2 Tape Dimension / 8mm
P2:2±0.05
Po:4
±0.1
7" x 8mm
t
A
Series
Z / L
120°
7" x 12mm
R1.9
2±0.5
A
0.24±0.05
t(mm)
0.24±0.05
0.22±0.05
0.22±0.05
0.22±0.05
4.95±0.1
4.95±0.1
8
6
7
1.93±0.1
3.66±0.1
4.0±0.1
8.0±0.1
1.93±0.1
1.85±0.1
2.77±0.10
1.88±0.10
1.50±0.10
Bo(mm)
Size
Ao(mm)
3.42±0.10
3.50±0.10
2.35±0.10
5
4
3 (12)
P(mm)
Ko(mm)
4.0±0.1
4.0±0.1
4.0±0.1
1.55±0.10
1.27±0.10
1.45±0.10
178.0±2.0
0.23±0.05
t(mm)
0.22±0.05
0.22±0.05
178.0±2.0
1.42±0.10
1.01±0.10
0.67±0.05
Ao(mm)
Size
Bo(mm)
2.25±0.10
1.12±0.05
1.80±0.10
3 (09)
1
2
Ko(mm)
P(mm)
4.0±0.1
4.0±0.1
2.0±0.1
1.04±0.10
1.02±0.10
0.54±0.05
60.0±2.0
B(mm)
60.0±2.0
13.5±0.5
9.0±0.5
A(mm)
Type
13.5±0.5
13.5±0.5
C(mm)
D(mm)
12000
1000
40000
4000
20000
7000
Bulk (Bags)
Chip Size
Chip / Reel
Inner Box
Middle Box
4000
Carton
40000
20000
1000
8
50000
20000
30000
100000
2500
12500
62500
125000
8000
40000
80000
6
2000
75
10000
15000
75000
150000
50000
100000
4
3000
3 (12)
2000
300000
200000
150000
10000
50000
250000
500000
20000
20000
100000
200000
200000
100000
3 (09)
4000
4000
21
10-3. Packaging Quantity
1.0±0.1
1.0±0.1
1.0±0.1
none
D1(mm)
1.0±0.1
none
1.5±0.1
D1(mm)
1.5±0.1
1.5±0.1
0.30±0.05
6.10±0.1
5.40±0.1
8.0±0.1
2.00±0.1
10. PACKAGING INFORMATION :



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com