Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS298AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS298AD
Description  QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS298AD Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS298AD Datasheet HTML 1Page - Texas Instruments SN74AS298AD Datasheet HTML 2Page - Texas Instruments SN74AS298AD Datasheet HTML 3Page - Texas Instruments SN74AS298AD Datasheet HTML 4Page - Texas Instruments SN74AS298AD Datasheet HTML 5Page - Texas Instruments SN74AS298AD Datasheet HTML 6Page - Texas Instruments SN74AS298AD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74AS298A
QUADRUPLE 2-INPUT MULTIPLEXER
WITH STORAGE
SDAS219B – DECEMBER 1983 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Selects One of Two 4-Bit Data Sources and
Synchronously Stores Data With System
Clock
• Applications:
– Dual Source for Operands and Constants
in Arithmetic Processor; Can Release
Processor Register Files for Acquiring
New Data
– Implements Separate Registers Capable
of Parallel Exchange of Contents, Yet
Retains External Load Capability
– Has Universal-Type Register for
Implementing Various Shift Patterns,
Including Compound Left-Right
Capability
• Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs
description
The SN74AS298A is a quadruple 2-input multiplexer with storage that provides essentially the equivalent
functional capabilities of two separate MSI functions (SN74AS157 and
′AS175A) in a 16-pin package.
When the word-select (WS) input is low, word 1 (A1, B1, C1, D1) is applied to the flip-flops. A high input to WS
causes the selection of word 2 (A2, B2, C2, D2). The selected word is clocked to the output terminals on the
negative-going edge of the clock pulse.
The SN74AS298A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS†
WS
CLK
QA
QB
QC
QD
L
↓
a1
b1
c1
d1
H
↓
a2
b2
c2
d2
X
H
QA0
QB0
QC0
QD0
† a1, a2, etc. = the level of steady-state input at A1,
A2, etc.
QA0, QB0, etc. = the level of QA, QB, etc. entered
on the most recent
↓ transition of CLK
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B2
A2
A1
B1
C2
D2
D1
GND
VCC
QA
QB
QC
QD
CLK
WS
C1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS298AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS298AD TI2-SN74AS298AD Datasheet
321Kb / 11P
QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
REVISED DECEMBER 1994
SN74AS298AD.A TI2-SN74AS298AD.A Datasheet
321Kb / 11P
QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
REVISED DECEMBER 1994
More results

Similar Description - SN74AS298AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS298 MOTOROLA-SN54LS298 Datasheet
187Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH STORAGE
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
Quad 2-input multiplexer with storage
1989 Aug 14
HEF4019B PHILIPS-HEF4019B Datasheet
40Kb / 4P
Quadruple 2-input multiplexer
January 1995
HEF4519B PHILIPS-HEF4519B Datasheet
41Kb / 4P
Quadruple 2-input multiplexer
January 1995
logo
Texas Instruments
SN54298 TI-SN54298 Datasheet
483Kb / 13P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399 Datasheet
144Kb / 12P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
logo
Hitachi Semiconductor
HD74AC298 HITACHI-HD74AC298 Datasheet
58Kb / 10P
Quad 2-Input Multiplexer with Storage
HD74LS298 HITACHI-HD74LS298 Datasheet
64Kb / 6P
Quadruple 2-input Multiplexers(with storage)
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Texas Instruments
SN54LS399 TI-SN54LS399_07 Datasheet
942Kb / 21P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com