Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB1507331MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDB1507331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1507331MZF Datasheet(HTML) 3 Page - Superworld Electronics

  PDB1507331MZF Datasheet HTML 1Page - Superworld Electronics PDB1507331MZF Datasheet HTML 2Page - Superworld Electronics PDB1507331MZF Datasheet HTML 3Page - Superworld Electronics PDB1507331MZF Datasheet HTML 4Page - Superworld Electronics PDB1507331MZF Datasheet HTML 5Page - Superworld Electronics PDB1507331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10
10
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
10
10
-1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
60
DC CURRENT (A)
0
0
10
20
(°C)
40
30
t
50
5
4
1
2
3
6789
10
10 11 12 13
14
5
3
3
5
L
(uH) 3
5
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
102M
80
70
90
331M
101M
100M
5
3
1R0M
3
5
2
2
PG. 3
01.05.2008
10
1R0M
0
3
FREQUENCY(MHZ)
5
-2
10
3
10-3
35
310
-1
10
5
0
5102
510
3
1
100M
1
101M
(uH)
L
1R0M
10
0
DC CURRENT (A)
-1
3
-2
10
10-3
35
5
3100
510-1
5
3
10
510
3 5
3
12
100M
1
10
3
5
10
101M
3
5
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
102M
3
331M
4
102M
103
331M
5
3
104
3
5
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
PDB1507 SERIES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com