Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB1507331MZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # PDB1507331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1507331MZF Datasheet(HTML) 4 Page - Superworld Electronics

  PDB1507331MZF Datasheet HTML 1Page - Superworld Electronics PDB1507331MZF Datasheet HTML 2Page - Superworld Electronics PDB1507331MZF Datasheet HTML 3Page - Superworld Electronics PDB1507331MZF Datasheet HTML 4Page - Superworld Electronics PDB1507331MZF Datasheet HTML 5Page - Superworld Electronics PDB1507331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SMD POWER INDUCTORS
PDB1507 SERIES
( 1 ) CONFIGURATION
8. PACKAGING INFORMATION :
STYLE
13-32
( 2 ) DIMENSIONS
( 3 ) Q'TY & G.W. PER PACKAGE
ØC
INNER : REEL
OUTER : CARTON
330
A
13±0.5
21±0.8
BC
32
D
100
GN
-0
* CARRIER TAPE WIDTH : D
G
EMBOSSED CARRIER
38.4
T
Unit:m/m
D
T
2.0±0.5
90 to 120s
Pre-heating
REFLOW SOLDERINGS
RECOMMENDED SOLDERING CONDITIONS
180°C
150°C
255°C
230°C
40s max.
cooling
Natural
COVER TAPE
PDB1507
SERIES
350
Q'TY (PCS)
1610
13-32
G.W. (gw)
STYLE
G.W. (Kg)
1400
10.0
Q'TY (PCS)
40 x 20 x 26
SIZE (cm)
10s max.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
01.05.2008
34
+0
P:20 m/m
4 m/m



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com