Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA01A-090-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PLA01A-090-R
Description  1.3 Watt - Unregulated Wall Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PLA01A-090-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PLA01A-090-R Datasheet HTML 1Page - Phihong USA Inc. PLA01A-090-R Datasheet HTML 2Page - Phihong USA Inc. PLA01A-090-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Voltage / Current Characteristics Curve
WWW.PHIHONG.COM
Model
Nameplate Voltage
PLA01A-050-R
5.0 V
PLA01A-090-R
9.0 V
PLA01A-120-R
12.0 V
PLA01A-050-R
PLA01A-090-R
PLA01A-120-R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com