Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA01A-090-R Datasheet(PDF) 3 Page - Phihong USA Inc.

Part # PLA01A-090-R
Description  1.3 Watt - Unregulated Wall Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PLA01A-090-R Datasheet(HTML) 3 Page - Phihong USA Inc.

  PLA01A-090-R Datasheet HTML 1Page - Phihong USA Inc. PLA01A-090-R Datasheet HTML 2Page - Phihong USA Inc. PLA01A-090-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLA01A Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
Immunity
90 to 264VAC
EN61000-4-2, Level 3
AC Inrush Current
EN61000-4-5, Level 3
40A max @ 240VAC, 25°C
Input Power Saving
General
Leakage Current
<0.3W max @ 120/240VAC, no load
≤ 10 uA max
California Energy Commission Compliant,
Level IV
Dielectric Withstand (Hi-pot)
Efficiency
3KVAC, Primary to Secondary
MTBF (Full Load, 25°C)
≥ 52.4 %
100K Hrs. min. at max load, 25°C ambient and
120VAC
OUTPUT:
Ripple (1)
DC Output Connector
150 mVp-p
2.1 mm x 5.5 mm Center Positive
AC Input Clip
Over Voltage Protection
5VDC: OVP shall not exceed 15V Max
Fixed US blade
9VDC: OVP shall not exceed 18V Max
12VDC: OVP shall not exceed 24V Max
Short Circuit Protection
Auto Recovery
ENVIRONMENTAL:
Operation Temperature (Convection)
0°C ~ 40°C
Storage Temperature
-40°C ~ 85°C
Humidity
90% RH Max
Emissions
FCC Class B
EN55022 class B
Note: (1) Measured after 10 minutes with by-pass
capacitors 0.1uf / 10uf at output connector terminal and
oscilloscope set at 20 MHz.
Phihong reserves the right to make changes without
further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date
specifications.
11-11-08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com