Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI322520-R82F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDI322520-R82F
Description  WIREWOUND CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-R82F Datasheet(HTML) 2 Page - Superworld Electronics

  SDI322520-R82F Datasheet HTML 1Page - Superworld Electronics SDI322520-R82F Datasheet HTML 2Page - Superworld Electronics SDI322520-R82F Datasheet HTML 3Page - Superworld Electronics SDI322520-R82F Datasheet HTML 4Page - Superworld Electronics SDI322520-R82F Datasheet HTML 5Page - Superworld Electronics SDI322520-R82F Datasheet HTML 6Page - Superworld Electronics SDI322520-R82F Datasheet HTML 7Page - Superworld Electronics SDI322520-R82F Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI322520 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
31.07.2008
5. ELECTRICAL CHARACTERISTICS :
WIREWOUND CHIP INDUCTORS
SDI322520-R68 F
SDI322520-R56 F
SDI322520-R39 F
SDI322520-R18 F
SDI322520-R27 F
SDI322520-R10 F
1M
0.68
30
1M
1M
0.56
0.39
30
25
25.2M
160
0.25
470
25.2M
160
25.2M
200
0.25
530
0.25
530
20
1M
0.18
1M
0.27
25
1M
0.10
20
25.2M
200
650
0.25
25.2M
200
600
0.25
25.2M
200
0.25
700
Part No.
Test
( Hz )
Frequency
Inductance
( uH )
( MHz )
Frequency
Min.
Q
( Hz )
Min.
Test
SRF
(
)
Max.
DCR
( mA )
Max.
IDC
25.2M
1M
1M
1M
1M
1M
1.2
SDI322520-1R2 F
SDI322520-1R8 F
SDI322520-1R5 F
SDI322520-2R2 F
1.8
2.2
1.5
SDI322520-1R0 F
1.0
20
1M
1M
1M
1M
20
20
20
1M
20
SDI322520-R82 F
0.82
1M
30
425
0.60
100
60
50
75
390
0.70
0.80
370
0.60
400
100
0.50
445
120
0.25
450
Tolerance
M
M
M
M
M
M
M
M
M
M, K
M, K
M, K
SDI322520-2R7 F
2.7
20
1M
43
0.90
320
SDI322520-3R3 F
3.3
20
1M
38
1.0
300
SDI322520-3R9 F
3.9
20
1M
35
1.1
290
SDI322520-4R7 F
4.7
20
1M
31
1.2
270
SDI322520-5R6 F
5.6
20
1M
28
1.3
250
SDI322520-6R8 F
6.8
20
1M
25
1.5
240
SDI322520-8R2 F
8.2
20
1M
23
1.6
225
SDI322520-100F
10
K, J
35
1M
20
1.8
190
SDI322520-120F
12
35
1M
18
2.0
180
SDI322520-150F
15
35
1M
16
2.2
170
SDI322520-180F
18
35
1M
15
2.5
165
SDI322520-220F
22
35
1M
14
2.8
150
SDI322520-820F
82
SDI322520-680F
SDI322520-560F
SDI322520-470F
SDI322520-390F
SDI322520-330F
SDI322520-270F
68
56
47
39
33
27
40
1M
8.5
6.2
70
40
40
40
1M
1M
1M
40
40
35
1M
1M
1M
4.9
10.0
9.0
5.5
11
4.3
85
80
100
3.5
12
11
3.9
13
3.1
115
110
125
M, K
M, K
M, K
M, K
M, K
M, K
M, K
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
Inductance tolerance :
: J = ±5%
K = ±10%
M = ±20%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com