Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI322520-R82F Datasheet(PDF) 7 Page - Superworld Electronics

Part # SDI322520-R82F
Description  WIREWOUND CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-R82F Datasheet(HTML) 7 Page - Superworld Electronics

  SDI322520-R82F Datasheet HTML 1Page - Superworld Electronics SDI322520-R82F Datasheet HTML 2Page - Superworld Electronics SDI322520-R82F Datasheet HTML 3Page - Superworld Electronics SDI322520-R82F Datasheet HTML 4Page - Superworld Electronics SDI322520-R82F Datasheet HTML 5Page - Superworld Electronics SDI322520-R82F Datasheet HTML 6Page - Superworld Electronics SDI322520-R82F Datasheet HTML 7Page - Superworld Electronics SDI322520-R82F Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
23±1
13±1
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
31.07.2008
PG. 7
Cover tape
250mm Min.
Tape leader
388mm Min.
Tape trailer
160mm Min.
8-2. Quantity & G.W. per package
SDI322520
SERIES
OUTER : CARTON
G.W. (Kg)
G.W. (Kg)
0.18
2000
Q'TY (PCS)
120000
Q'TY (PCS)
INNER : REEL
SIZE (cm)
39 x 39 x 23
15
Components
Direction of feed
4
+0.10
1.50 -0.00
4±0.1
SDI322520 SERIES
WIREWOUND CHIP INDUCTORS
8-1. Reel & Tape Dimension
8. PACKAGING INFORMATION : ( Unit : mm )
178
2.5±0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com