Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3125 Datasheet(PDF) 1 Page - Texas Instruments

Part # CBT3125
Description  QUADRUPLE FET BUS SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CBT3125 Datasheet(HTML) 1 Page - Texas Instruments

  CBT3125 Datasheet HTML 1Page - Texas Instruments CBT3125 Datasheet HTML 2Page - Texas Instruments CBT3125 Datasheet HTML 3Page - Texas Instruments CBT3125 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN74CBT3125
QUADRUPLE FET BUS SWITCH
SCDS021E – MAY 1995 – REVISED MAY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Standard ’125-Type Pinout
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB, DBQ), Thin Very Small-Outline (DGV),
and Thin Shrink Small-Outline (PW)
Packages
description
The SN74CBT3125 quadruple FET bus switch
features independent line switches. Each switch
is disabled when the associated output-enable
(OE) input is high.
The SN74CBT3125 is characterized for operation
from –40
°C to 85°C.
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
1OE
1B
1A
2OE
2A
3OE
3B
3A
4OE
4B
4A
1
2
4
5
10
9
13
12
3
6
8
11
2B
Pin numbers shown are for the D, DB, DGV, and PW packages.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, DGV, OR PW PACKAGE
(TOP VIEW)
NC – No internal connection
DBQ PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B


Similar Part No. - CBT3125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125D PHILIPS-CBT3125D Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125D NEXPERIA-CBT3125D Datasheet
218Kb / 12P
Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125DB PHILIPS-CBT3125DB Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
More results

Similar Description - CBT3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
QUADRUPLE FET BUS SWITCH
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
Quadruple FET Bus Switch
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
Quadruple FET bus switch
Rev. 2 - 1 October 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com