Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM129N-R50MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDM129N-R50MF
Description  MOLDING TYPE DIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM129N-R50MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDM129N-R50MF Datasheet HTML 1Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 2Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 3Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 4Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 5Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. GENERAL SPECIFICATION :
d) Irms (A) : Will cause an approximately temp. rise < 40°C typ.
c) Ambient temp. : 25°C
b) Operating temp. : -25°C to +125°C
a) Test Frequency : 100KHz/1.0Vdc
SDM129N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
e) Isat (A) : Will cause L to drop approximately 20% typ.
0
f) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
MOLDING TYPE DIP INDUCTORS
±20% @ 0Adc
Inductance L ( uH )
0.30
0.47
0.25
7. ELECTRICAL CHARACTERISTICS :
SDM129N-R25MF
SDM129N-R47MF
SDM129N-R30MF
Part No.
40
25
20
20
35
30
Min.
Q
0
Irms
Typ.
( A )
0.60
45
40
0.80
40
0.60
DCR
Isat
Max.
( A )
( m )
Max.
0.60
0.68
0.50
SDM129N-R50MF
SDM129N-R68MF
SDM129N-R60MF
0.80
42
38
25
25
20
35
30
1.00
40
40
0.55
8. CHARACTERISTICS CURVES :
DC Current vs. Inductance & Temperature Rise
0
10
203040
5060
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
90
100
DMPI129N-R25
SDM129N-R25MF
0
153045
60
DC CURRENT(A )
0
0.1
0.2
0.3
0.4
0
20
40
60
80
100
DMPI129N-R30
SDM129N-R30MF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com