Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM129N-R50MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDM129N-R50MF
Description  MOLDING TYPE DIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM129N-R50MF Datasheet(HTML) 1 Page - Superworld Electronics

  SDM129N-R50MF Datasheet HTML 1Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 2Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 3Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 4Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 5Page - Superworld Electronics SDM129N-R50MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : M-Iron Core
(c) Adhesive : Epoxy
3. SCHEMATIC :
SDM129N SERIES
MOLDING TYPE DIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
18.04.2008
PCB Pattern
12.5 Max.
10.5 Max.
3.4±0.5
BC
D
12.5 Max.
(b) Wire : Enamelled Copper Wire
Unit:m/m
6.68±0.5
1.6±0.1
9.45±0.5
FW
L
E
6.68±0.5
12.5
F
b) Frequency up to 1MHz
a) Shielded construction
5. FEATURES :
A
F
ØW
R30
ØN
10.5 Max.
12.5 Max. 12.5 Max.
3.4±0.5
6.0±0.5
7.3±0.5
9.45±0.5
1.6±0.1
R25/R47/R50/R68
R30/R60
Part No.
9.45 Ref.
1.9 Ref.
9.45 Ref.
M
1.9 Ref.
ØN
S D M 1 2 9 N - R 2 5 M F
(d)
(c)
(b)
(a)
(c) Inductance code : R25 = 0.25uH
(e)
(b) Dimension code
(a) Series code
(d) Tolerance code : M = ±20%
(e) F : Lead Free


Similar Part No. - SDM129N-R50MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM129HLA SUPERWORLD-SDM129HLA Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA-1R0MF SUPERWORLD-SDM129HLA-1R0MF Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA-R32MF SUPERWORLD-SDM129HLA-R32MF Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA-R50MF SUPERWORLD-SDM129HLA-R50MF Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA-R68MF SUPERWORLD-SDM129HLA-R68MF Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
More results

Similar Description - SDM129N-R50MF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
Molding Type Module
logo
Superworld Electronics
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
MOLDING TYPE DIP INDUCTORS
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
logo
List of Unclassifed Man...
HEI ETC2-HEI Datasheet
371Kb / 9P
Molding Power Inductors
logo
LinkCom Manufacturing C...
LML0420AA LINKCOM-LML0420AA Datasheet
111Kb / 5P
Molding power Inductors
logo
Pulse A Technitrol Comp...
BDQQ PULSE-BDQQ Datasheet
536Kb / 3P
Molding Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com