Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND050VL-LED-KIT Datasheet(PDF) 10 Page - Purdy Electronics Corporation

Part # AND050VL-LED-KIT
Description  AND050VL-LED-KIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND050VL-LED-KIT Datasheet(HTML) 10 Page - Purdy Electronics Corporation

Back Button AND050VL-LED-KIT Datasheet HTML 4Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 5Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 6Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 7Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 8Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 9Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 10Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 11Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 12Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
10
AND050VL-LED-KIT
PC-TFT-050VL
Interface Board
Features
• Used for TFT-LCD display: 5” AND050VL-LED
• Input Signal: D-SUB VGA signal, composite video
channels and S-Video
• Auto detect input signal when power is on
• Operating Temperature: 0ºC ~ 60ºC
• Storage Temperature: -20ºC ~ 80ºC
• RoHS Compliant
The PC-TFT-050VL is designed to work
with the AND050VL-LED color TFT display
which is suitable for security, video game,
door phone, video phone, portable TV and
instrument display applications..
Mechanical Characteristics for Board
Absolute Maximum Rating
Item
Specification
Unit
Outline Dimension
113 (W) x 68(H) x 15.7 (D)
mm
Top Layer Height (max)
12
mm
Board thickness
1.2
mm
Four Screw Holes
φ 2.5
mm
Item
Symbol
Conditions
Min.
Max.
Unit
Operating Temperature
Top
–
0
60
°C
Storage Temperature
Tstg
–
-20
80
°C
Input/Output Terminals - CON3
VGA Connector: JST B12B-PH-K-S or compatible
Pin No.
Symbol
Pin No.
Symbol
1R+
9
VGA-
POWER
2
G+
10
GND
3B+
11
NC
4
NC
12
SDA-VGA
5
VGA-DET
13
IN-HS
6
GND
14
IN-VS
7
GND
15
SCL-VGA
8
GND
Input/Output Terminals - CON6
LVDS Connector: MOLEX 87758-32 or compatible
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1
DA0-
8
CLK1-
15
DA5-
22
DA7-
29
VCC
2
DA0+
9
CLK1+
16
DA5+
23
DA7+
30
VCC
3
DA1-
10
DA3-
17
GND
24
GND
31
VCC
4
DA1+
11
DA3+
18
DA6-
25
GND
32
VCC
5
DA2-
12
DA4-
19
DA6+
26
GND
6
DA2+
13
DA4+
20
CLK2-
27
GND
7
GND
14
GND
21
CLK2+
28
VCC
Input/Output Terminals - CON11
Keyboard Operation Port: MOLEX 53261-1071 or compatible
Pin No.
Symbol
Pin No.
Symbol
1
Auto
6
+3.3V
2
Right
7
GND
3
Left
8
Remote
4
Menu
9
LED-Green
5
Power
10
LED-Red
Input/Output Terminals - CON1
Power Connector: JST B2B-XH-A or compatible
Pin No.
Symbol
Pin No.
Symbol
1
GND
2
+12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com